Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 19Page - Exar Corporation XRT7250 Datasheet HTML 20Page - Exar Corporation XRT7250 Datasheet HTML 21Page - Exar Corporation XRT7250 Datasheet HTML 22Page - Exar Corporation XRT7250 Datasheet HTML 23Page - Exar Corporation XRT7250 Datasheet HTML 24Page - Exar Corporation XRT7250 Datasheet HTML 25Page - Exar Corporation XRT7250 Datasheet HTML 26Page - Exar Corporation XRT7250 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
4
10
RD_DS
I
Read Data Strobe (Intel Mode)
If the microprocessor interface is operating in the Intel Mode, then this input will
function as the RD (READ STROBE) input signal from the local µP. Once this
active-low signal is asserted, then the Framer will place the contents of the
addressed registers (within the Framer) on the Microprocessor Data Bus
(D[7:0]). When this signal is negated, the Data Bus will be tri-stated.
Data Strobe (Motorola Mode):
If the microprocessor interface is operating in the Motorola mode, then this pin
will function as the active-low Data Strobe signal.
11
NC
Not Bonded Out
12
NC
Not Bonded Out
13
INT
O
Interrupt Request Output:
This open-drain, active-low output signal will be asserted when the Framer
device is requesting interrupt service from the local microprocessor. This out-
put pin should typically be connected to the "Interrupt Request" input of the
local microprocessor.
14
GND
Ground Pin
15
A0
I
Address Bus Input (Microprocessor Interface) - LSB (Least Signif-
icant Bit)
(Please see description for A8)
16
A1
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
17
A2
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
18
A3
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
19
A4
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
20
A5
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
21
A6
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
22
A7
I
Address Bus Input (Microprocessor Interface):
(Please see description for A8)
23
A8
I
Address Bus Input (Microprocessor Interface) - MSB (Most Signif-
icant Bit):
This input pin, along with inputs A0 - A7 are used to select the on-chip Framer
register and RAM space for READ/WRITE operations with the "local" micropro-
cessor.
24
VDD
****
Power Supply Pin
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com