Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 59Page - Exar Corporation XRT7250 Datasheet HTML 60Page - Exar Corporation XRT7250 Datasheet HTML 61Page - Exar Corporation XRT7250 Datasheet HTML 62Page - Exar Corporation XRT7250 Datasheet HTML 63Page - Exar Corporation XRT7250 Datasheet HTML 64Page - Exar Corporation XRT7250 Datasheet HTML 65Page - Exar Corporation XRT7250 Datasheet HTML 66Page - Exar Corporation XRT7250 Datasheet HTML 67Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
44
munication between the µC/µP and the Framer
Microprocessor Interface block.
A.3
Assert the ALE_AS (Address Latch Enable) pin
by toggling it "High". This step enables the
Address Bus input drivers, within the Micropro-
cessor Interface block of the Framer.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate Address
Data Setup time), the µC/µP should then toggle
the ALE_AS pin "Low". This step latches the
contents, on the Address Bus pins, A[8:0], into
the XRT7250 DS3/E3 Framer Microprocessor
Interface block. At this point, the initial address
of the burst access has now been selected.
NOTE: The ALE_AS input pin should remain "Low" for the
remainder of this Burst Access operation.
A.5
Next, the µC/µP should indicate that this cur-
rent bus cycle is a Read Operation by toggling
the RD_DS (Read Strobe) input pin "Low".
This action also enables the bi-directional data
bus output drivers of the Framer device. At this
point, the bi-directional data bus output drivers
will proceed to drive the contents of the
addressed register onto the bi-directional data
bus, D[7:0].
A.6
Immediately after the µC/µP toggles the Read
Strobe signal "Low", the Framer device will tog-
gle the RDY_DTCK (READY) output pin "Low".
The Framer device does this in order to inform
the µC/µP that the data (to be read from the
data bus) is NOT READY to be latched into the
µC/µP.
A.7
After some settling time, the data on the bi-
directional data bus will stabilize and can be
read by the µC/µP. The XRT7250 DS3/E3
Framer will indicate that this data is ready to be
read, by toggling the RDY_DTCK (Ready) sig-
nal "High".
A.8
After the µC/µP detects the RDY_DTCK signal
(from the XRT7250 DS3/E3 Framer IC), it can
then will terminate the Read cycle by toggling
the RD_DS (Read Strobe) input pin "High".
Figure 29 presents an illustration of the behavior of
the Microprocessor Interface Signals, during the initial
Read Operation, within a Burst I/O Cycle for an Intel-
type µC/µP.
At the completion of this initial read cycle, the µC/µP
has read in the contents of the first register or buffer
location (within the XRT7250 DS3/E3 Framer) for this
particular burst I/O access operation. In order to illus-
trate how this burst access operation works, the byte
(or word) of data, that is being read in Figure 29, has
been labeled Valid Data at Offset = 0x00. This label
FIGURE 29. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE INITIAL READ OPERATION OF A
BURST CYCLE (INTEL TYPE PROCESSOR)
ALE_AS
RD_DS
A[8:0]
CS
D[15:0]
RDY_DTCK
Not Valid
Valid Data of Offset = 0x00
Address of “Initial” Target Register (Offset = 0x00)
WR_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com