Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 64 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 64 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 60Page - Exar Corporation XRT7250 Datasheet HTML 61Page - Exar Corporation XRT7250 Datasheet HTML 62Page - Exar Corporation XRT7250 Datasheet HTML 63Page - Exar Corporation XRT7250 Datasheet HTML 64Page - Exar Corporation XRT7250 Datasheet HTML 65Page - Exar Corporation XRT7250 Datasheet HTML 66Page - Exar Corporation XRT7250 Datasheet HTML 67Page - Exar Corporation XRT7250 Datasheet HTML 68Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
45
indicates that the µC/µP is reading the very first regis-
ter (or buffer location) in this burst access operation.
2.2.2.2.1.1.2
The Subsequent Read Operations
The procedure that the µC/µP must use to perform
the remaining read cycles, within this Burst Access
operation, is presented below.
B.0
Execute each subsequent Read Cycles, as
described in steps 1 through 3 below.
B.1
Without toggling the ALE_AS input pin (e.g.,
keeping it "Low"), toggle the RD_DS input pin
"Low". This step accomplishes the following.
a. The Framer will internally increments the latched
address value (within the Microprocessor Inter-
face circuitry).
b. The output drivers of the bi-directional data bus,
D[7:0] are enabled. At some time later, the regis-
ter or buffer location corresponding to the incre-
mented latched address value will be driven onto
the bi-directional data bus.
B.2
Immediately after the Read Strobe pin toggles
"Low" the Framer IC will toggle the RDY_DTCK
(READY) output pin "Low" to indicate its NOT
READY status.
B.3
After some settling time, the data on the bi-
directional data bus will stabilize and can be
read by the µC/µP. The XRT7250 DS3/E3
Framer will indicate that this data is ready to be
read by toggling the RDY_DTCK (READY) sig-
nal "High".
B.4
After the µC/µP detects the RDY_DTCK signal
(from the XRT7250 DS3/E3 Framer), it can
then terminates the Read cycle by toggling the
RD_DS (Read Strobe) input pin "High".
For subsequent read operations, within this burst cy-
cle, the µC/µP simply repeats steps 1 through 3, as il-
lustrated in Figure 30.
In addition to the behavior of the Microprocessor In-
terface signals, Figure 30 also illustrates other points
regarding the Burst Access Operation.
a. The Framer internally increments the address
value, from the original latched value shown in
Figure 29. This is illustrated by the data, appear-
ing on the data bus, (for the first read access)
being labeled Valid Data at Offset = 0x01 and that
for the second read access being labeled Valid
Data at Offset = 0x02.
b. The Framer performs this address incrementing
process even though there are no changes in the
Address Bus Data, A[8:0].
2.2.2.2.1.1.3
Terminating the Burst Access
Operation
The Burst Access Operation will be terminated upon
the rising edge of the ALE_AS input signal. At this
point the Framer will cease to internally increment the
latched address value. Further, the µC/µP is now free
to execute either a Programmed I/O access or to start
another Burst Access Operation with the XRT7250
DS3/E3 Framer.
2.2.2.2.1.2
The Intel-Mode Write Burst Access
Whenever an Intel-type µC/µP wishes to write data in-
to a contiguous range of addresses, then it should do
the following.
FIGURE 30. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING SUBSEQUENT READ OPERATIONS
WITHIN THE
BURST I/O CYCLE
ALE_AS
RD_DS
A[8:0]
CS
D[15:0]
RDY_DTCK
Not Valid
Valid Data at Offset =0x01
WR_RW
Not Valid
Valid Data at Offset =0x02
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com