Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 26Page - Exar Corporation XRT7250 Datasheet HTML 27Page - Exar Corporation XRT7250 Datasheet HTML 28Page - Exar Corporation XRT7250 Datasheet HTML 29Page - Exar Corporation XRT7250 Datasheet HTML 30Page - Exar Corporation XRT7250 Datasheet HTML 31Page - Exar Corporation XRT7250 Datasheet HTML 32Page - Exar Corporation XRT7250 Datasheet HTML 33Page - Exar Corporation XRT7250 Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
11
67
TxLEV
O
Transmit Line Build-Out Enable/Disable Select Output (to be con-
nected to the XRT7300 DS3/E3 Line Interface Unit IC).
This output pin is intended to be connected to the TxLev input pin of the
XRT7300 DS3/E3 Line Interface Unit IC. The user can control the state of this
output pin by writing a "0" or a "1" to Bit 2 (TxLev) within the Line Interface
Driver Register (Address = 0x80).
Writing a "1" to Bit 2 of the Line Interface Drive Register (Address = 0x80) will
cause this output pin to toggle "high". Writing a "0" to this bit-field will cause
this output pin to toggle "low".
For DS3 Application
If the user commands this signal to toggle "high" then the "Transmit Line Build-
Out" circuit (within the XRT7300 device) will be disabled. In this mode, the
XRT7300 device will output unshaped (e.g., square) pulses onto the line (via
the TTIP and TRING output pins).
Conversely, if the user commands this signal to toggle "low" then the "Transmit
Line Build-Out" circuit (within the XRT7300 device) will be disabled. In this
mode, the XRT7300 device will output shaped (e.g., more rounded) pulses
onto the line (via the TTIP and TRING output pins).
In order to comply with the "DSX-3 Isolated Pulse Template Requirement" (per
Bellcore GR-499-CORE), the user is advised to command this output pin to be
"high" if the cable length (between the transmit output of the XRT7300 device
and the DSX-3 Cross-Connect System) is greater than 225 feet. Conversely,
the user is advised to command this output pin to be "low" if the cable length
(between the transmit output of the XRT7300 device and the DSX-3Cross Con-
nect System) is less than 225 feet.
For E3 Applications
This pin can be used as a General Purpose Output pin. The Transmit Line
Build-Out circuitry (within the XRT7300 device) is not active for E3 applications.
NOTE: If the customer is not using the XRT7300 DS3/E3 Line Interface Unit IC,
then he/she can use this output pin for a variety of other purposes.
68
TAOS
O
Transmit All Ones Signal" (TAOS) Command (for the XR-T7300
Line Interface Unit IC).
This output pin is intended to be connected to the TAOS input pin of the XR-
T7300 DS3/E3 Line Interface Unit IC. The user can control the state of this out-
put pin by writing a '0' or '1' to Bit 4 (TAOS) of the Line Interface Drive Register
(Address = 0x80). If the user commands this signal to toggle "high" then it will
force the XRT7300 Line Interface Unit IC to transmit an "All Ones" pattern onto
the line. Conversely, if the user commands this output signal to toggle "low"
then the XR-T7300 DS3/E3 Line Interface Unit IC will proceed to transmit data
based upon the pattern that it receives via the TxPOS and TxNEG output pins.
Writing a "1" to Bit 4 of the Line Interface Drive Register (Address = 0x80) will
cause this output pin to toggle "high". Writing a "0" to this bit-field will cause
this output pin to toggle "low".
If the customer is not using the XR-T7300 DS3/E3 Line Transceiver IC, then
he/she can use this output pin for a variety of other purposes.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com