Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 36 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 36 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 32Page - Exar Corporation XRT7250 Datasheet HTML 33Page - Exar Corporation XRT7250 Datasheet HTML 34Page - Exar Corporation XRT7250 Datasheet HTML 35Page - Exar Corporation XRT7250 Datasheet HTML 36Page - Exar Corporation XRT7250 Datasheet HTML 37Page - Exar Corporation XRT7250 Datasheet HTML 38Page - Exar Corporation XRT7250 Datasheet HTML 39Page - Exar Corporation XRT7250 Datasheet HTML 40Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
17
97
RxOHInd
O
Receive Overhead Bit Indicator
The exact functionality of this output pin depends upon whether the XRT7250
Framer IC is operating in the “Serial” or “Nibble-Parallel” Mode.
Serial Mode Operation:
This output pin pulses "high" (for one bit-period) whenever an "overhead" bit is
being output via the "RxSer" output pin, by the "Receive Payload Data Output
Interface" block.
Nibble-Parallel Mode Operation:
This output pin pulses “high” (for one nibble-period) whenever an “overhead”
nibble is being output via the “RxNib[3:0] output pins, by the “Receive Payload
Data Output Interface” block.
NOTE: The purpose of this output pin is to alert the "Receive Terminal Equip-
ment" that an overhead bit is being output via the "RxSer" output pin, and that
this data should be ignored.
98
RxOH
O
Receive Overhead Output Port
All overhead bits, which are received via the "Receive Section" of the Framer
IC; will be output via this output pin, upon the rising edge of RxOHClk.
99
RxOHEnable
O
Receive Overhead Enable Indicator
The XRT7250 will assert this output signal for one “RxOutClk” period when it is
safe for the Terminal Equipment to sample the data on the “RxOH” output pin.
100
RxOHFrame
O
Receive Overhead Frame Boundary Indicator
This output pin pulses "high" whenever the Receive Overhead Data Output
Interface” block outputs the first overhead bit (or nibble) of a new DS3 or E3
frame.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com