Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 78 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 78 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
59
Setting this bit-field to "1" enables the Transmit Sec-
tion related Interrupts (within the XRT7250) at the
block level.
NOTE: Setting this bit-field to "1" does not enable all Trans-
mit Section related Interrupts. Each of these interrupts can
still be disabled at the Source Level. However, setting this
bit-field to "0" does disable all Transmit Section related
Interrupts.
Bit 0 - One-Second Interrupt Enable
This Read/Write bit-field permits the user to enable or
disable the One-Second Interrupt, within the
XRT7250. If this interrupt is enabled, then the
XRT7250 will generate interrupts to the µC/µP at one-
second intervals.
Setting this bit-field to "0" disables the One-Second
Interrupt. Conversely, setting this bit-field to "1" en-
ables the One-Second Interrupt.
2.3.2.6
Block Interrupt Status Register
Bit 7 - RxDS3/E3 Interrupt Status Indicator
This Read-Only bit-field indicates whether or not a
Receive-Section related interrupt has been requested
and is awaiting service.
If this bit-field is set to "0", then there are no Receive-
Section related interrupts awaiting service. Con-
versely, if this bit-field is set to "1", then there is at
least one Receive Section related interrupt, awaiting
service.
NOTE: If this bit-field is set to "1", then the
µC/µP must
read the Source-Level Interrupt Status register, in order to
clear this bit-field.
Bit 1 - TxDS3/E3 Interrupt Status Indicator
This Read-Only bit-field indicates whether or not a
Transmit-Section related interrupt has been request-
ed and is awaiting service.
If this bit-field is set to "0", then there are no Transmit-
Section related interrupts awaiting service. Con-
versely, if this bit-field is set to "1", then there is at
least one Transmit Section related interrupt, awaiting
service.
NOTE: If this bit-field is set to "1", then the
µC/µP must
read the Source-Level Interrupt Status register, in order to
clear this bit-field.
Bit 0 - One-Second Interrupt Status
This Reset-upon-Read bit field indicates whether or
not a One-Second interrupt has been requested and
is awaiting service.
If this bit-field is set to "0", then the One-Second inter-
rupt is not awaiting service. Conversely, if this bit-
field is set to "1", then the One-Second interrupt is
awaiting service.
NOTE: This bit-field will be cleared immediately after the
µC/µP has read this register.
Receive DS3 Framer Configuration Registers
2.3.2.7
Receive DS3 Configuration & Status
Register
Bit 7 - RxAIS (Receive AIS Pattern) Indicator
This Read-Only bit-field indicates whether or not the
Receive Section of the XRT7250 is currently receiv-
ing an AIS pattern or not.
BLOCK INTERRUPT STATUS REGISTER (ADDRESS = 0X05)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Status
Not Used
TxDS3/E3
Interrupt
Status
One-Second
Interrupt
Status
RO
RO
RO
RO
RO
RO
RO
RUR
0
0000
000
RXDS3 CONFIGURATION & STATUS REGISTER (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Reserved
Framing On
Parity
FSync
Algo
MSync
Algo
RO
RO
RO
RO
RO
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com