Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 18Page - Exar Corporation XRT7250 Datasheet HTML 19Page - Exar Corporation XRT7250 Datasheet HTML 20Page - Exar Corporation XRT7250 Datasheet HTML 21Page - Exar Corporation XRT7250 Datasheet HTML 22Page - Exar Corporation XRT7250 Datasheet HTML 23Page - Exar Corporation XRT7250 Datasheet HTML 24Page - Exar Corporation XRT7250 Datasheet HTML 25Page - Exar Corporation XRT7250 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
3
PIN DESCRIPTIONS
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION
1
NC
Not Bonded Out
2
NC
Not Bonded Out
3
VDD
****
Power Supply Pin
4
NC
Not Bonded Out
5
GND
****
Ground Pin
6
Rdy_Dtck
O
READY or DTACK
This active-low output pin will function as the READY output, when the micro-
processor interface is running in the "Intel" Mode; and will function as the
DTACK output, when the microprocessor interface is running in the "Motorola"
Mode.
"Intel" Mode - READY Output
When the Framer negates this output pin (e.g., toggles it "low"), it indicates (to
the µP) that the current READ or WRITE cycle is to be extended until this sig-
nal is asserted (e.g., toggled "high").
"Motorola" Mode - DTACK (Data Transfer Acknowledge) Output
The Framer device will assert this pin in order to inform the local microproces-
sor that the present READ or WRITE cycle is nearly complete. If the Framer
device requires that the current READ or WRITE cycle be extended, then the
Framer will delay its assertion of this signal. The 68000 family of µPs requires
this signal from its peripheral devices, in order to quickly and properly complete
a READ or WRITE cycle.
7
WR_RW
I
Write Data Strobe (Intel Mode)
If the microprocessor interface is operating in the Intel Mode, then this active-
low input pin functions as the WR (Write Strobe) input signal from the µP. Once
this active-low signal is asserted, then the Framer will latch the contents of the
µP Data Bus, into the addressed register (or RAM location) within the Framer
IC. In the Intel Mode, data gets latched on the rising edge of WR
R/W Input Pin (Motorola Mode)
When the Microprocessor Interface Section is operating in the Motorola Mode,
then this pin is functionally equivalent to the R/W pin. In the Motorola Mode, a
READ operation occurs if this pin is at a logic "1". Similarly, a WRITE operation
occurs if this pin is at a logic "0".
8
CS
I
Chip Select Input
This active-low input signal selects the Microprocessor Interface Section of the
Framer device and enables READ/WRITE operations between the Local
Microprocessor and the Framer on-chip registers and RAM locations.
9
ALE_AS
I
Address Latch Enable/Address Strobe
This input is used to latch the address (present at the Microprocessor Interface
Address Bus, A[8:0]) into the Framer Microprocessor Interface circuitry and to
indicate the start of a READ/WRITE cycle. This input is active-high in the Intel
Mode (MOTO = "low") and active-low in the Motorola Mode (MOTO = "high").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com