Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 33Page - Exar Corporation XRT7250 Datasheet HTML 34Page - Exar Corporation XRT7250 Datasheet HTML 35Page - Exar Corporation XRT7250 Datasheet HTML 36Page - Exar Corporation XRT7250 Datasheet HTML 37Page - Exar Corporation XRT7250 Datasheet HTML 38Page - Exar Corporation XRT7250 Datasheet HTML 39Page - Exar Corporation XRT7250 Datasheet HTML 40Page - Exar Corporation XRT7250 Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
18
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUMS
ABSOLUTE MAXIMUM RATINGS:
Power Supply............................................ -0.5V to +6.5V
Power Dissipation TQFP Package........................... 1.2W
Storage Temperature ...............................-65°C to 150°C
Input Voltage (Any Pin) .....................-0.5V to VDD + 0.5V
voltage at Any Pin .......................... -0.5V to VDD + 0.5V
Input Current (Any Pin) ...................................... + 100mA
DC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = 25(C, VCC = 5.0V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS
ICC
Power Supply Current
160
mA
ILL
Data Bus Tri-State Bus Leakage Current
µA
VIL
Input Low voltage
0.8
V
VIH
Input High Voltage
2.0
VCC
V
VOL
Output Low Voltage
0.0
0.4
V
IOL = -1.6mA
VOH
Output High Voltage
2.4
VCC
V
IOH = 40µA
IOC
Open Drain Output Leakage Current
µA
IIH
Input High Voltage Current
-10
10
µA
VIH = VCC
IIL
Input Low Voltage Current
-10
10
µA
VIL = GND
AC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = 25(C, VCC = 5.0V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS
Transmit Payload Data Input Interface - Loop-Timed/Serial Mode (See Figure 1)
t1
Payload data (TxSer) set-up time to rising edge of
RxOutClk
1ns
t2
Payload data (TxSer) hold time, from rising edge of
RxOutClk
4ns
t3
RxOutClk to TxFrame output delay
37
ns
t4
RxOutClk to TxOHInd output delay
37
ns
Transmit Payload Data Input Interface - Local Timed/Serial Mode (See Figure 2)
t5
Payload data (TxSer) set-up time to rising edge of
"TxInClk"
2ns
t6
Payload data (TxSer) hold time, from rising edge of
"TxInClk"
6ns
t7
"TxFrameRef" set-up time to rising edge of "TxInClk"
2
ns
Framer IC is
"Frame Slave"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com