Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 23Page - Exar Corporation XRT7250 Datasheet HTML 24Page - Exar Corporation XRT7250 Datasheet HTML 25Page - Exar Corporation XRT7250 Datasheet HTML 26Page - Exar Corporation XRT7250 Datasheet HTML 27Page - Exar Corporation XRT7250 Datasheet HTML 28Page - Exar Corporation XRT7250 Datasheet HTML 29Page - Exar Corporation XRT7250 Datasheet HTML 30Page - Exar Corporation XRT7250 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
8
52
TxOHClk
O
Transmit Overhead Clock
This output signal serves two purposes:
1. The Transmit Overhead Data Input Interface block will provide a rising clock
edge on this signal, one bit-period prior to the start to the instant that the
“Transmit Overhead Data Input Interface” block is processing an overhead bit.
2. The Transmit Overhead Data Input Interface will sample the data at the
“TxOH” input pin, on the falling edge of this clock signal (provided that the
“TxOHIns” input pin is “HIGH”).
NOTE: The Transmit Overhead Data Input Interface block will supply a clock
edge for all overhead bits within the DS3 or E3 frame (via the “TxOHClk” output
signal). This includes those overhead bits that the “Transmit Overhead Data
Input Interface” will not accept from the Terminal Equipment.
53
TxOHIns
I
Transmit Overhead Data Insert Input.
Asserting this input signal (e.g., setting it "high") enables the Transmit Over-
head Data Input Interface to accept "overhead" data from the Terminal Equip-
ment. In other words, while this input pin is "high", the Transmit Overhead Data
Input Interface will sample the data at the "TxOH" input pin, on the falling edge
of the "TxOHClk" output signal.
Conversely, setting this pin "low" configures the "Transmit Overhead Data Input
Interface" to NOT sample (e.g., ignore) the data at the "TxOH" input pin, on the
falling edge of the "TxOHClk" output signal.
NOTE: If the Terminal Equipment attempts to insert an overhead bit that cannot
be accepted by the "Transmit Overhead Data Input Interface" (e.g., if the Termi-
nal Equipment asserts the "TxOHIns" signal, at a time when one of these "non-
insertable" overhead bits are being processed); that particular insertion effort
will be ignored.
54
TxOH
I
Transmit Overhead Input Pin
The Transmit Overhead Data Input Interface accepts the overhead data via this
input pin, and inserts into the "overhead" bit position within the very next "out-
bound" DS3 or E3 frame. If the "TxOHIns" pin is pulled "high", the Transmit
Overhead Data Input Interface will sample the data at this input pin (TxOH), on
the falling edge of the "TxOHClk" output pin. Conversely, if the "TxOHIns" pin is
pulled "low", then the Transmit Overhead Data Input Interface will NOT sample
the data at this input pin (TxOH). Consequently, this data will be ignored
55
TxOHInd
O
Transmit Overhead Data Indicator.
This output pin will pulse "high" one-bit period prior to the time that the Transmit
Section of the XRT7250 will be processing an Overhead bit. The purpose of
this output pin is to warn the Terminal Equipment that, during the very next bit-
period, the XRT7250 is going to be processing an "Overhead" bit and will be
ignoring any data that is applied to the "TxSer" input pin.
NOTE: For DS3 applications, this output pin is only active if the XRT7250 is
operating in the "Serial" Mode. This output pin will be pulled "low" if the device
is operating in the "Nibble-Parallel" Mode.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com