Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 15Page - Exar Corporation XRT7250 Datasheet HTML 16Page - Exar Corporation XRT7250 Datasheet HTML 17Page - Exar Corporation XRT7250 Datasheet HTML 18Page - Exar Corporation XRT7250 Datasheet HTML 19Page - Exar Corporation XRT7250 Datasheet HTML 20Page - Exar Corporation XRT7250 Datasheet HTML 21Page - Exar Corporation XRT7250 Datasheet HTML 22Page - Exar Corporation XRT7250 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
XVII
LIST OF TABLES
Table 1:Description of the Microprocessor Interface Signals that exhibit constant roles in both the Intel and Mo-
torola Modes ................................................................................................................................................... 37
Table 2:Pin Description of Microprocessor Interface Signals - While the Microprocessor Interface is Operating
in the Intel Mode ............................................................................................................................................. 37
Table 3:Pin Description of the Microprocessor Interface Signals while the Microprocessor Interface is operating
in the Motorola Mode ...................................................................................................................................... 38
Table 4:Register Addressing of the Framer Programmer Registers ............................................................... 52
Table 5:List of all of the Possible Conditions that can Generate Interrupts within the XRT7250 Framer Device
114
Table 6:A Listing of the XRT7250 Framer Device Interrupt Block Registers (for DS3 Applications) ............ 114
Table 7:A Listing of the XRT7250 Framer Device Interrupt Block Registers (for E3, ITU-T G.832 Applications)
114
Table 8:A Listing of the XRT7250 Framer Device Interrupt Block Register (for E3, ITU-T G.751 Applications) ..
115
Table 9:Interrupt Service Routine Guide (for DS3 Applications) ................................................................... 116
Table 10:Interrupt Service Routine Guide (for E3, ITU-T G.832 Applications) ............................................. 117
Table 11:Interrupt Service Routine Guide (for E3, ITU-T G.751 Applications) ............................................. 117
Table 12:Alternate Functions of Port 3 Pins ................................................................................................. 119
Table 13:Interrupt Service Routine Location (in Code Memory) for the INT0* and INT1* Interrupt Input pins ....
120
Table 14:Auto-Vector Table for the MC68000 Microprocessor ..................................................................... 122
Table 15:The Relationship between the states of RLOOP, LLOOP and the resulting loop-back mode with the
XRT7300 device ........................................................................................................................................... 125
Table 16:The Relationship between the content of Bit 2, (C-Bit Parity*/M13) within the Framer Operating Mode
Register and the resulting DS3 Framing Format ........................................................................................... 128
Table 17:C-bit Functions for the C-bit Parity DS3 Frame Format ................................................................. 129
Table 18:Listing and Description of the pins associated with the Transmit Payload Data Input Interface .... 134
Table 19:A Listing of the Overhead bits within the DS3 frame, and their potential sources, within the XRT7250
IC .................................................................................................................................................................. 150
Table 20:Description of Method 1 Transmit Overhead Input Interface Signals ............................................. 151
Table 21:The Relationship between the Number of Rising Clock Edges in TxOHClk, (since TxOHFrame was
last sampled "High") to the DS3 Overhead Bit, that is being processed ....................................................... 153
Table 22:Description of Method 2 Transmit Overhead Input Interface Signals ............................................. 156
Table 23:The Relationship between the Number of TxOHEnable pulses (since the last occurrence of the TxO-
HFrame pulse) to the DS3 Overhead Bit, that is being processed by the XRT7250 .................................... 158
Table 24:The LAPD Message Type and the Corresponding value of the First Byte, within the Information Pay-
load ............................................................................................................................................................... 163
Table 25:Relationship between TxLAPD Msg Length and the LAPD Message Size .................................... 164
Table 26:Relationship between TxLAPD Msg Length and the LAPD Message Size .................................... 164
Table 27:The Relationship between the contents of Bit 7 (Tx Yellow Alarm) within the Tx DS3 Configuration Reg-
ister, and the resulting Transmit DS3 Framer Block's Action ........................................................................ 169
Table 28:The Relationship between the contents of Bit 6 (Tx X-Bits) within the Tx DS3 Configuration Register,
and the resulting Transmit DS3 Framer Block's Action ................................................................................. 170
Table 29:The Relationship between the contents of Bit 5 (Tx Idle) within the Tx DS3 Configuration Register, and
the resulting Transmit DS3 Framer Action .................................................................................................... 170
Table 30:The Relationship between the contents of Bit 4 (Tx AIS Pattern) within the Tx DS3 Configuration Reg-
ister, and the resulting Transmit DS3 Framer Block's Action ........................................................................ 171
Table 31:The Relationship between the contents of Bit 3 (Tx LOS) within the Tx DS3 Configuration Register,
and the resulting Transmit DS3 Framer Block's Action ................................................................................. 171
Table 32:The Relationship between the content of Bit 3 (Unipolar/Bipolar*) within the UNI I/O Control Register
and the Transmit DS3 Framer Line Interface Output Mode .......................................................................... 176
Table 33:The Relationship between Bit 4 (AMI/B3ZS*) within the I/O Control Register and the Bipolar Line Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com