Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation XRT7250 Datasheet HTML 86Page - Exar Corporation XRT7250 Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
64
2.3.2.11 Receive DS3 FEAC Register
This Read/Write register contains the latest 6-bit
FEAC code that has been validated by the Receive
FEAC Processor. The contents of this register will be
cleared if the previously validated code has been re-
moved by the FEAC Processor.
NOTE: For more information on the operation of the
Receive FEAC Processor, please see Section 3.3.3.1.
2.3.2.12 Receive DS3 FEAC Interrupt Enable/
Status Register
Bit 4 - FEAC Valid
This Read Only bit is set to "1" when an incoming
FEAC Message Code has been validated by the Re-
ceive DS3 Framer. This bit is cleared to "0" when the
FEAC code is removed.
NOTE: For more information on the role of this bit-field and
the Receive FEAC Processor, please see Section 3.3.3.1.
Bit 3 - RxFEAC Remove Interrupt Enable
This Read/Write bit-field allows the user to enable/
disable the RxFEAC Removal interrupt. Writing a "1"
to this bit enables this interrupt. Likewise, writing a
"0" to this bit-field disables this interrupt.
NOTE: For more information on the role of this bit-field and
the Receive FEAC Processor, please see Section 3.3.3.1.
Bit 2 - RxFEAC Remove Interrupt Status
A "1" in this Read Only bit-field indicates that the last
validated FEAC Message has now been removed by
the Receive FEAC Processor. The Receive FEAC
Processor will remove a validated FEAC message if 3
out of the last 10 received FEAC messages differ
from the latest valid FEAC Message.
NOTE: For more information on this bit-field and the
Receive FEAC Processor, please see Section 3.3.3.1.
Bit 1 - RxFEAC Valid Interrupt Enable
This Read/Write bit-field allows the user to enable/
disable the Rx FEAC Valid interrupt. Writing a "1" to
this bit-field enables this interrupt. Whereas, writing a
"0" disables this interrupt. The value of this bit-field is
"0" following power up or reset.
NOTE: For more information on this bit-field and the
Receive FEAC Processor, please see Section 3.3.3.1.
Bit 0 - RxFEAC Valid Interrupt Status
A "1" in this Read Only bit-field indicates that a newly
received FEAC Message has been validated by the
Receive FEAC Processor.
NOTE: For more information on this bit-field and the
Receive FEAC Processor, please see Section 3.3.3.1.
RXDS3 FEAC REGISTER (ADDRESS = 0X16)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxFEAC[5:0]
Not Used
RO
RO
RO
RO
R/O
R/O
R/O
R/O
00
000
000
RXDS3 FEAC INTERRUPT ENABLE/STATUS REGISTER (ADDRESS = 0X17)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FEAC Valid
RxFEAC
Remove
Interrupt
Enable
RxFEAC
Remove
Interrupt
Status
RxFEAC
Valid
Interrupt
Enable
RxFEAC
Valid
Interrupt
Status
RO
RO
RO
RO
R/W
RUR
R/W
RUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com