Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
61
2.3.2.8
Receive DS3 Status Register
Bit 4 - RxFERF Indicator
This Read Only bit-field indicates whether or not the
Receive Section of the Framer device is declaring a
FERF (Far-End-Receive Failure) condition.
If this bit-field is set to "0", then the Receive Section
(of the chip) is currently not declaring an LOS condi-
tion.
If this bit-field is set to "1", then the Receive Section
(of the chip) is currently declaring an LOS condition.
NOTE: For more information on how the Receive Section of
the chip declares the FERF condition, please see Section
3.3.2.5.4.
Bit 3 - RxAIC
This Read Only bit-field reflect the value of the AIC
bit-field, within the incoming DS3 Frames, as detect-
ed by the Receive DS3 Framer. This bit-field is set to
"1" if the incoming frame is determined to be in the C-
bit Parity Format (AIC bit = 1) for at least 63 consecu-
tive frames. This bit-field is set to "0" if two (2) or
more M-frames, out of the last 15 M-frames, contain a
"0" in the AIC bit position.
Bits 2:0 - RxFEBE[2:0]
These Read-Only bit-fields reflect the FEBE value,
within the most recently received DS3 frame.
If these bit-fields are set to "111", then it indicates that
the Remote Receiving Terminal is receiving DS3
frames in an un-erred manner.
If these bit-fields are set to "011", then it indicates that
the Remote Receiving Terminal has detected Fram-
ing or Parity bit errors in the DS3 frames that it is re-
ceiving.
NOTE: For more information on FEBE (Far-End-Block
Error) please see Section 3.3.2.5.5.
2.3.2.9
Receive DS3 Interrupt Enable Register
Bit 7 - CP Bit Error Interrupt Enable
This Read/Write bit-field is used to enable or disable
the CP-Bit Error Interrupt. Setting this bit-field to “1’
enables this interrupt. Setting this bit-field to “0” dis-
ables this interrupt.
NOTE: For more information on the CP-Bit Error Checking/
Detection, please see Section 3.3.2.6.2.
Bit 6 - LOS Interrupt Enable
This Read/Write bit-field is used to enable or disable
the Change in LOS condition interrupt. Setting this
bit-field to "1" enables this interrupt. Setting this bit-
field to "0" disables this interrupt.
NOTE: For more information on the LOS Condition, please
see Sections 3.3.2.5.1.
Bit 5 - AIS Interrupt Enable
This Read/Write bit-field is used to enable or disable
the Change in AIS condition interrupt. Setting this bit-
field to "1" enables this interrupt. Setting this bit-field
to "0" disables this interrupt.
NOTE: For more information on the AIS Condition, please
see Sections 3.3.2.5.2.
Bit 4 - Idle Interrupt Enable
This Read/Write bit-field is used to enable or disable
the Change in Idle condition interrupt. Setting this bit-
field to "1" enables this interrupt. Setting this bit-field
to "0" disables this interrupt.
NOTE: For more information on the Idle Condition, please
see Section 3.3.2.5.3.
RXDS3 STATUS REGISTER (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Reserved
RxFERF
RxAIC
RxFEBE[2:0]
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
RXDS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP Bit Error
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
Idle Interrupt
Enable
FERF
Interrupt
Enable
AIC
Interrupt
Enable
OOF
Interrupt
Enable
P-Bit Error
Interrupt
Enable
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com