Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 52Page - Exar Corporation XRT7250 Datasheet HTML 53Page - Exar Corporation XRT7250 Datasheet HTML 54Page - Exar Corporation XRT7250 Datasheet HTML 55Page - Exar Corporation XRT7250 Datasheet HTML 56Page - Exar Corporation XRT7250 Datasheet HTML 57Page - Exar Corporation XRT7250 Datasheet HTML 58Page - Exar Corporation XRT7250 Datasheet HTML 59Page - Exar Corporation XRT7250 Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
37
TABLE 1: DESCRIPTION OF THE MICROPROCESSOR INTERFACE SIGNALS THAT EXHIBIT CONSTANT ROLES IN BOTH
THE
INTEL AND MOTOROLA MODES
PIN NAME
TYPE
DESCRIPTION
MOTO
I
Selection input for Intel/Motorola µP Interface.
Setting this pin to a logic "High" configures the Microprocessor Interface to operate in the Motorola
mode. Likewise, setting this pin to a logic "Low" configures the Microprocessor Interface to operate
in the Intel Mode.
D[7:0]
I/O
Bi-Directional Data Bus for register read or write operations
A[8:0]
I
Nine Bit Address Bus input:
This nine bit Address Bus is provided to allow the user to select an on-chip register or on-chip RAM
location.
CS
I
Chip Select input.
This “active low” signal selects the Microprocessor Interface of the UNI device and enables read/
write operations with the on-chip registers/on-chip RAM.
Int
O
Interrupt Request Output:
This open-drain/active-low output signal will inform the local
µP that the UNI has an interrupt condi-
tion that needs servicing.
TABLE 2: PIN DESCRIPTION OF MICROPROCESSOR INTERFACE SIGNALS - WHILE THE MICROPROCESSOR INTERFACE
IS
OPERATING IN THE INTEL MODE
PIN NAME
EQUIVALENT PIN
IN
INTEL
ENVIRONMENT
TYPE
DESCRIPTION
ALE_AS
ALE
I
Address-Latch Enable: This “active-high” signal is used to latch the contents on
the address bus, A[8:0]. The contents of the Address Bus are latched into the
A[8:0] inputs on the falling edge of ALE_AS. Additionally, this signal can be used
to indicate the start of a burst cycle.
RD_DS
RD*
I
Read Signal: This “active-low” input functions as the read signal from the local
µP. When this signal goes "Low", the UNI Microprocessor Interface will place the
contents of the addressed register on the Data Bus pins (D[15:0]). The Data Bus
will be "tri-stated" once this input signal returns "High".
WR_RW
WR*
I
Write Signal: This "active-low" input functions as the write signal from the local
µP. The contents of the Data Bus (D[15:0]) will be written into the addressed reg-
ister (via A[8:0]), on the rising edge of this signal.
RDY_DTCK
READY*
O
Ready Output: This "active-low" signal is provided by the UNI device, and indi-
cates that the current read or write cycle is to be extended until this signal is
asserted. The local
µP will typically insert WAIT states until this signal is
asserted. This output will toggle "Low" when the device is ready for the next
Read or Write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com