Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 67Page - Exar Corporation XRT7250 Datasheet HTML 68Page - Exar Corporation XRT7250 Datasheet HTML 69Page - Exar Corporation XRT7250 Datasheet HTML 70Page - Exar Corporation XRT7250 Datasheet HTML 71Page - Exar Corporation XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
52
TABLE 4: REGISTER ADDRESSING OF THE FRAMER PROGRAMMER REGISTERS
ADDRESS
REGISTER NAME
POWER UP DEFAULT VALUE
REGISTER TYPE
0x00
Operating Mode register
b00100011
R/W
0x01
I/O Control Register
b10100000
R/W, R/O
0x02
Part Number Register
b00000001
R/O
0x03
Version Number Register
b00000011
R/O
0x04
Block Interrupt Enable Register
b00000000
R/W
0x05
Block Interrupt Status Register
b00000000
R/O
0x06
Reserved
0x07
Reserved
0x08
Reserved
0x09
Reserved
0x0A
Reserved
0x0B
Reserved
0x0C
Reserved
0x0D
Reserved
0x0E
Reserved
0x0F
Reserved
0x10
RxDS3 Configuration & Status Register
RxE3 Configuration & Status Register 1 - G.832
RxE3 Configuration & Status Register 1 - G.751
b00010000
b00000010
b00000010
R/W, R/O
0x11
RxDS3 Status Register
RxE3 Configuration & Status Register 2 - G.832
RxE3 Configuration & Status Register 2 - G.751
b00000000
b01100111
b01100111
R/W, R/O
0x12
RxDS3 Interrupt Enable Register
RxE3 Interrupt Enable Registers -1 G.832
RxE3 Interrupt Enable Registers - 1 G.751
b00000000
b00000000
b00000000
R/W, R/O
0x13
RxDS3 Interrupt Status Register
RxE3 Interrupt Enable Register -2 G.832
RxE3 Interrupt Enable Register - 2 G.751
b00000000
b00000000
b00000000
R/W, R/O
0x14
RxDS3 Sync Detect Enable Register
RxE3 Interrupt Status Register 1 - G.832
RxE3 Interrupt Status Register 1 - G.751
b00011111
b00000000
b00000000
RUR, R/O
0x15
RxE3 Interrupt Status Register 2 - G.832
RxE3 Interrupt Status Register 2 - G.751
b00000000
b00000000
RUR, R/O
0x16
RxDS3 FEAC Register
b01111110
R/O
0x17
RxDS3 FEAC Interrupt Enable/Status Register
b00000000
R/O
0x18
RxDS3 LAPD Control Register
RxE3 LAPD Control Register
b00000000
R/W, RUR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com