Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation XRT7250 Datasheet HTML 86Page - Exar Corporation XRT7250 Datasheet HTML 87Page - Exar Corporation XRT7250 Datasheet HTML 88Page - Exar Corporation XRT7250 Datasheet HTML 89Page - Exar Corporation XRT7250 Datasheet HTML 90Page - Exar Corporation XRT7250 Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
68
Payload Type value (within the MA Byte-Field) in the
last 5 consecutive incoming E3 frames.
If the Receive E3 Framer has detected a change in
the Payload Type value, within the last 5 incoming E3
frames, then it will set this bit-field to "1". If the Pay-
load Type value has been consistent in the last 5 E3
frames, then the Receive E3 Framer will set this bit-
field to "0".
Bit 1 - Rx TMark
This Read-Only bit-field reflects the most recently val-
idated Timing Marker value. The Receive E3 Framer
will validate the Timing Marker state, after it has de-
tected a user-selectable number of consecutive in-
coming E3 frames with a consistent Timing Marker
value. The user makes this selection by writing the
appropriate value to Bit 3 (RxTMarkAlgo) within the
Rx E3 Configuration/Status Register (Address =
0x0E).
Bit 0 - RxFERF (Far End Receive Failure)
This Read-Only bit-field indicates whether or not the
Receive E3 Framer is experiencing an FERF (Far-
End-Receive-Failure) condition. The Receive E3
Framer will declare a FERF condition, if it has re-
ceived a user-selectable number of consecutive E3
frames, with the FERF bit-field (within the MA byte)
set to "1". This user-selectable number is either 3 or
5 E3 frames. Conversely, the Receive E3 Framer will
negate the FERF declaration, if it has received this
user-selectable number of consecutive E3 frames,
with the FERF bit-field set to "0".
If this bit-field is set to "1", then the Receive E3 Fram-
er has declared an FERF condition. If this bit-field is
set to "0", then the Receive E3 Framer has not de-
clared an FERF condition.
NOTE: Please see Section 5.1.1.4, for a more detailed dis-
cussion on the meaning of the FERF bit-field, within the E3
frame.
2.3.3.3
3.3.2.17 Receive E3 Interrupt Enable
Register (E3, ITU-T G.832)
Bit 4 - Change of Frame Alignment (COFA) Inter-
rupt Enable
This Read/Write bit-field allows the user to enable or
disable the Change of Frame Alignment interrupt.
Setting this bit-field to "1" enables this interrupt. Set-
ting this bit-field to "0" disables this interrupt.
Bit 3 - OOF (Out of Frame) Interrupt Enable
This Read/Write bit field allows the user to enable or
disable the Change in Out-of-Frame (OOF) status in-
terrupt. Setting this bit-field to "1" enables this inter-
rupt. Setting this bit-field to "0" disables this interrupt.
NOTE: For more information on the OOF Condition, please
see Section 5.3.2.1.
Bit 2 - LOF (Loss of Frame) Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the Change in Loss-of-Frame (LOF) status in-
terrupt. Setting this bit-field to "1" enables this inter-
rupt. Setting this bit-field to "0" disables this interrupt.
For more information on the LOF Condition, please
see Section 5.3.2.1.
Bit 1 - LOS (Loss of Signal) Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the Change in LOS condition interrupt. Set-
ting this bit-field to "1" enables this interrupt. Setting
this bit-field to "0" disables this interrupt.
NOTE: For more information on the LOS Condition, please
see Section 5.3.2.6.
Bit 0 - AIS Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the Change in AIS condition interrupt. Setting
this bit-field to "1" enables this interrupt. Setting this
bit-field to "0" disables this interrupt.
NOTE: For more information on the AIS Condition, please
see Section 5.3.2.6.2.
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Enable
OOF
Interrupt
Enable
LOF
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com