Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L56 Datasheet (PDF) - Exar Corporation

XRT72L56 Datasheet PDF - Exar Corporation
Part # XRT72L56
Download  XRT72L56 Download
File Size   5631.89 Kbytes
Page   486 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER

XRT72L56 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT72L56 Datasheet PDF - Exar Corporation

Part # XRT72L56
Download  XRT72L56 Click to download

File Size   5631.89 Kbytes
Page   486 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER

XRT72L56 Datasheet (HTML) - Exar Corporation


XRT72L56 Product details

GENERAL DESCRIPTION
The XRT72L56, 6 Channel DS3/E3 Framer is designed to accept “User Data” from the Terminal Equipment and insert this data into the “payload” bitfields within an “outbound” DS3/E3 Data Stream.

FEATURES
• Transmits, Receives and Processes data in the DS3-C-bit Parity, DS3-M13, E3-ITU-T G.751 and E3-ITU-T G.832 Framing Formats.
• Per Channel High Speed HDLC Controllers.
• Interfaces to all Popular Microprocessors
• Extensive Performance Monitoring support.
• Available in a 388 Ball PBGA package
• 3.3V Power Supply with 5V Tolerant I/O
• Operating Temperature -40°C to +85°C

APPLICATIONS
• Digital Cross Connects
• CSU/DSU Equipment.
• ADD/Drop Multiplexers
• DS3/E3 Frame Relay Equipment




Similar Part No. - XRT72L56

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results


Similar Description - XRT72L56

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com