Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L54 Datasheet (PDF) - Exar Corporation

XRT72L54 Datasheet PDF - Exar Corporation
Part # XRT72L54
Download  XRT72L54 Download
File Size   5552.06 Kbytes
Page   484 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER

XRT72L54 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT72L54 Datasheet PDF - Exar Corporation

Part # XRT72L54
Download  XRT72L54 Click to download

File Size   5552.06 Kbytes
Page   484 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER

XRT72L54 Datasheet (HTML) - Exar Corporation


XRT72L54 Product details

GENERAL DESCRIPTION
The XRT72L54, 4 Channel DS3/E3 Framer IC is designed to accept “User Data” from the Terminal Equipment and insert this data into the “payload” bitfields within an “outbound” DS3/E3 Data Stream. Further, the Framer IC is also designed to receive an “inbound” DS3/E3 Data Stream (from the Remote Terminal Equipment) and extract out the “User Data”.

FEATURES
• Transmits, Receives and Processes data in the DS3-C-bit Parity, DS3-M13, E3-ITU-T G.751 and E3-ITU-T G.832 Framing Formats.
• 6 Channel HDLC Controller - Tx and Rx
• Interfaces to all Popular Microprocessors
• Integrated Framer Performance Monitor
• Available in a 272 Ball PBGA package
• 3.3V Power Supply, 5V Tolerant I/O
• Operating Temperature -40°C to +85°C

APPLICATIONS
• Network Interface Units
• CSU/DSU Equipment.
• PCM Test Equipment
• Fiber Optic Terminals
• DS3/E3 Frame Relay Equipment




Similar Part No. - XRT72L54

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results


Similar Description - XRT72L54

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CN8330 CONEXANT-CN8330 Datasheet
586Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com