Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C199C Datasheet (PDF) - Cypress Semiconductor

CY7C199C Datasheet PDF - Cypress Semiconductor
Part # CY7C199C
Download  CY7C199C Download
File Size   117.13 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 Static RAM

CY7C199C Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C199C Datasheet PDF - Cypress Semiconductor

Part # CY7C199C
Download  CY7C199C Click to download

File Size   117.13 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 Static RAM

CY7C199C Datasheet (HTML) - Cypress Semiconductor


CY7C199C Product details

General Description1
The CY7C199C is a high–performance CMOS Asynchronous SRAM organized as 32K by 8 bits that supports an asynchronous memory interface. The device features an automatic power–down feature that significantly reduces power consumption when deselected.

Features
• Fast access time: 12 ns, 15 ns, 20 ns, and 25 ns
• Wide voltage range: 5.0V ± 10% (4.5V to 5.5V)
• CMOS for optimum speed/power
• TTL–compatible Inputs and Outputs
• Available in 28 DIP, 28 SOJ, and 28 TSOP I.
• 2.0V Data Retention
• Low CMOS standby power
• Automated Power–down when deselected




Similar Part No. - CY7C199C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
399Kb / 18P
256 K (32 K x 8) Static RAM 2.0 V data retention
CY7C199CN-12VC CYPRESS-CY7C199CN-12VC Datasheet
609Kb / 14P
256K (32K x 8) Static RAM
CY7C199CN-12VC CYPRESS-CY7C199CN-12VC Datasheet
589Kb / 14P
256K (32K x 8) Static RAM
More results


Similar Description - CY7C199C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
32K x 8 Static RAM
February 29, 1996
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
32K x 8 Static RAM
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
32K x 8 Static RAM
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com