Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C199N Datasheet (PDF) - Cypress Semiconductor

CY7C199N Datasheet PDF - Cypress Semiconductor
Part # CY7C199N
Download  CY7C199N Download
File Size   488.88 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 Static RAM

CY7C199N Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C199N Datasheet PDF - Cypress Semiconductor

Part # CY7C199N
Download  CY7C199N Click to download

File Size   488.88 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 Static RAM

CY7C199N Datasheet (HTML) - Cypress Semiconductor


CY7C199N Product details

Functional Description

The CY7C199N is a high-performance CMOS static RAM organized as 32,768 words by 8 bits. Easy memory expansion is provided by an active LOW Chip Enable (CE) and active LOW Output Enable (OE) and three-state drivers. This device has an automatic power-down feature, reducing the power

consumption by 81% when deselected. The CY7C199NN is in the standard 300-mil-wide DIP, SOJ, and LCC packages.



Features

•High speed

  —12 ns

• Fast tDOE

• CMOS for optimum speed/power

• Low active power

  — 467 mW (max, 12 ns “L” version)

• Low standby power

  — 0.275 mW (max, “L” version)

• 2V data retention (“L” version only)

• Easy memory expansion with CEand OEfeatures

• TTL-compatible inputs and outputs

• Automatic power-down when deselected




Similar Part No. - CY7C199N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
487Kb / 11P
32 K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
435Kb / 14P
32 K 횞 8 Static RAM Automatic power-down when deselected
CY7C199NL-15ZXC CYPRESS-CY7C199NL-15ZXC Datasheet
487Kb / 11P
32 K x 8 Static RAM
CY7C199NL-15ZXC CYPRESS-CY7C199NL-15ZXC Datasheet
435Kb / 14P
32 K 횞 8 Static RAM Automatic power-down when deselected
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
32 K x 8 Static RAM
More results


Similar Description - CY7C199N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
32K x 8 Static RAM
February 29, 1996
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
32K x 8 Static RAM
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com