Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFPT0805 Datasheet (PDF) - Vishay Siliconix

TFPT0805 Datasheet PDF - Vishay Siliconix
Part # TFPT0805
Download  TFPT0805 Download
File Size   103.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD PTC - Nickel Thin Film Linear Thermistors

TFPT0805 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFPT0805 Datasheet PDF - Vishay Siliconix

Part # TFPT0805
Download  TFPT0805 Click to download

File Size   103.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD PTC - Nickel Thin Film Linear Thermistors

TFPT0805 Datasheet (HTML) - Vishay Siliconix


TFPT0805 Product details

• Alumina substrate base with nickel based PTC
thin film element
• 0603, 0805, and 1206 sizes available
• Available in tape and reel packaging
• Standard R25 tolerances: ± 0.5 %, ± 1 %, ± 5 %
• Operation range -55 °C to +150 °C
• High stability over the entire temperature range
• cUL recognized component: File E148885
• AEC-Q200 qualified (grade 1)




Similar Part No. - TFPT0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT0805 VISHAY-TFPT0805 Datasheet
89Kb / 4P
Linear PTC Thermistors, Surface Mount Chip
25-Oct-06
TFPT0805 VISHAY-TFPT0805 Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0805L0050DL VISHAY-TFPT0805L0050DL Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
TFPT0805L0050DM VISHAY-TFPT0805L0050DM Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
TFPT0805L0050DV VISHAY-TFPT0805L0050DV Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
More results


Similar Description - TFPT0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT VISHAY-TFPT Datasheet
89Kb / 4P
Linear PTC Thermistors, Surface Mount Chip
25-Oct-06
TFPTL10 VISHAY-TFPTL10 Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
PTFT VISHAY-PTFT Datasheet
85Kb / 3P
Linear PTC Thermistors, Surface Mount Chip
04-Apr-05
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
logo
Vishay Siliconix
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com