Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S93WD462 Datasheet (PDF) - Summit Microelectronics, Inc.

S93WD462 Datasheet PDF - Summit Microelectronics, Inc.
Part # S93WD462
Download  S93WD462 Download
File Size   81.26 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory

S93WD462 Datasheet (PDF)

Go To PDF Page Download Datasheet
S93WD462 Datasheet PDF - Summit Microelectronics, Inc.

Part # S93WD462
Download  S93WD462 Click to download

File Size   81.26 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory

S93WD462 Datasheet (HTML) - Summit Microelectronics, Inc.


S93WD462 Product details

OVERVIEW
The S93WD462 and S93WD463 are precision power supervisory circuits providing both active high and active low reset output. Both devices also incorporate a watchdog timer with a nominal time-out value of 1.6 seconds.
Both devices have 1k-bits of E2PROM memory that is accessible via the industry standard microwire bus. The S93WD462 is configured with an internal ORG pin tied low providing a 8-bit byte organization and the S93WD463 is configured with an internal ORG pin tied high providing a 16-bit word organization. Both the S93WD462 and S93WD463 have page write capability. The devices are designed for a minimum 100,000 program/erase cycles and have data retention in excess of 100 years.

FEATURES
• Precision Monitor & RESET Controller
   — RESET and RESET Outputs
   — Guaranteed RESET Assertion to VCC = 1V
   — 150ms Reset Pulse Width
   — Internal 1.26V Reference with ±1% Accuracy
   — ZERO External Components Required
• Watchdog Timer
   — Nominal 1.6 Second Time-out Period
   — Reset by Any Transition of CS
• Memory
   — 1K-bit Microwire Memory
   — S93WD462
      – Internally Ties ORG Low
      – 100% Compatible With all 8-bit
         Implementations
      – Sixteen Byte Page Write Capability
   — S93WD463
      – Internally Ties ORG High
      – 100% Compatible With all 16-bit
         Implementations
      – Eight Word Page Write Capability




Similar Part No. - S93WD462

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462P-2.7 SUMMIT-S93WD462P-2.7 Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462P-2.7T SUMMIT-S93WD462P-2.7T Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462PA SUMMIT-S93WD462PA Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462PAT SUMMIT-S93WD462PAT Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results


Similar Description - S93WD462

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com