Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S93462 Datasheet (PDF) - Summit Microelectronics, Inc.

S93462 Datasheet PDF - Summit Microelectronics, Inc.
Part # S93462
Download  S93462 Download
File Size   150.86 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision Supply-Voltage Monitor and Reset Controller

S93462 Datasheet (PDF)

Go To PDF Page Download Datasheet
S93462 Datasheet PDF - Summit Microelectronics, Inc.

Part # S93462
Download  S93462 Click to download

File Size   150.86 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Precision Supply-Voltage Monitor and Reset Controller

S93462 Datasheet (HTML) - Summit Microelectronics, Inc.


S93462 Product details

OVERVIEW
The S93462 and S93463 are precision power supervisory circuits providing both active high and active low reset outputs.
Both devices have 1k-bits of E2PROM memory that is accessible via the industry standard microwire bus. The S93462 is configured with an internal ORG pin tied low providing a 8-bit byte organization and the S93463 is configured with an internal ORG pin tied high providing a 16-bit word organization. Both the S93462 and S93463 have page write capability. The devices are designed for a minimum 100,000 program/erase cycles and have data retention in excess of 100 years.

FEATURES
• Precision Monitor & RESET Controller
    — RESET and RESET Outputs
    — Guaranteed RESET Assertion to VCC = 1V
    — 150ms Reset Pulse Width
    — Internal 1.26V Reference with ±1% Accuracy
    — ZERO External Components Required
• Memory
    — 1K-bit Microwire Memory
    — S93462
        – Internally Ties ORG Low
        – 100% Compatible With all 8-bit Implementations
        – Sixteen Byte Page Write Capability
    — S93463
        – Internally Ties ORG High
        – 100% Compatible With all 16-bit Implementations
        – Eight Word Page Write Capability




Similar Part No. - S93462

ManufacturerPart #DatasheetDescription
logo
Rohm
S9346-ND ROHM-S9346-ND Datasheet
659Kb / 8P
H-Bridge Motor Drivers For DC Brush Motors
More results


Similar Description - S93462

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
Power Supply reset Monitor with 1% Precision
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
Precision supply-voltage monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com