Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-NUCLEO-IPS02A1 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-IPS02A1 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-IPS02A1
Download  X-NUCLEO-IPS02A1 Download
File Size   1106.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24 V Intelligent power switch expansion board based on VPS2535H for STM32 Nucleo

X-NUCLEO-IPS02A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-IPS02A1 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-IPS02A1
Download  X-NUCLEO-IPS02A1 Click to download

File Size   1106.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24 V Intelligent power switch expansion board based on VPS2535H for STM32 Nucleo

X-NUCLEO-IPS02A1 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-IPS02A1 Product details

Description
The X-NUCLEO-IPS02A1 provides an affordable and easy-to-use solution for driving grounded loads (i.e. heating elements, solenoid driver, LED driver, light bulb driver, pumps relay replacement, and fans) in STM32 Nucleo projects. This expansion board is compatible with the Arduino UNO R3 connector and supports the addition of other STM32 expansion boards with a single STM32 Nucleo board. The user can also mount the ST morpho connector. The X-NUCLEO-IPS02A1 expansion board is based on the VPS2535H a double channel High Side Driver through a 3 V and 5 V CMOScompatible interface and with multisense analog feedback and protections The device VPS2535H integrates advanced protective functions such as the load current limitation protects the device in overload conditions. The device latches off in case of overload or thermal shutdown.

Features
■ Operating Voltage range from 8 V to 36 V
■ Current limitation: 42 A
■ RON (per Ch): 35 mΩ @ 25 C
■ Stand-By Current: 2 µA
■ Temperature range: -40°C ÷ 150°C
■ Power ok and Output LEDs
■ Multisense Analog feedback
■ Fully protected device
■ Compatible with Arduino™ UNO R3 connector
■ Compatible with STM32 Nucleo boards
■ RoHS compliant




Similar Part No. - X-NUCLEO-IPS02A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
17-Jul-2015
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
X-NUCLEO-IDB0XA1 STMICROELECTRONICS-X-NUCLEO-IDB0XA1 Datasheet
423Kb / 6P
STM32 Nucleo pack: electrochemical toxic gas sensor expansion board with CO sensor
19-Jun-2017
X-NUCLEO-IDS01A4 STMICROELECTRONICS-X-NUCLEO-IDS01A4 Datasheet
615Kb / 21P
Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
23-Jun-2015
More results


Similar Description - X-NUCLEO-IPS02A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-PLM01A1 STMICROELECTRONICS-X-NUCLEO-PLM01A1 Datasheet
551Kb / 6P
Power line communication expansion board based on ST7580 for STM32 Nucleo
June 2017
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com