Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF5010NF-FW Datasheet (PDF) - OPTREX CORPORATION

DMF5010NF-FW Datasheet PDF - OPTREX CORPORATION
Part # DMF5010NF-FW
Download  DMF5010NF-FW Download
File Size   204.13 Kbytes
Page   17 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMF5010NF-FW Datasheet (PDF)

Go To PDF Page Download Datasheet
DMF5010NF-FW Datasheet PDF - OPTREX CORPORATION

Part # DMF5010NF-FW
Download  DMF5010NF-FW Click to download

File Size   204.13 Kbytes
Page   17 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMF5010NF-FW Datasheet (HTML) - OPTREX CORPORATION


DMF5010NF-FW Product details

General Specifications
   Operating Temp. : min. 10℃ ~ max. 40℃
   Storage Temp. : min. -20℃ ~ max. 60℃
   Dot Pixels : 240 (W) × 64 (H) dots
   Dot Size : 0.49 (W) × 0.49 (H) mm
   Dot Pitch : 0.53 (W) × 0.53 (H) mm
   Viewing Area : 132.0 (W) × 39.0 (H) mm
   Outline Dimensions : 200.0* (W) × 66.0 (H) × 23.0 max. (D) mm
                                        * Without CFL Cable
   Weight : 250g max.
   LCD Type : NTD-7580
                        ( F-STN / Black &White-mode / Transmissive )
   Viewing Angle : 6:00
   Control LSI : T6963C-0101 (Produced by TOSHIBA)
   Data Transfer : 8-bit parallel data transfer
   Backlight : Cold Cathode Fluorescent Lamp (CFL) × 1
   Additional Spec. : Holder and PWB ground are connected by soldering.
                                  CFL light unit is replaceable.
   Drawings : Dimensional Outline UE-32421C




Similar Part No. - DMF5010NF-FW

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMF5010NB-FW OPTREX-DMF5010NB-FW Datasheet
203Kb / 17P
LCD Module Specification
More results


Similar Description - DMF5010NF-FW

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
LCD Module Specification
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
LCD Module Specification
logo
OPTEK Technologies
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
LCD Module Specification
Date
logo
OPTREX CORPORATION
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
LCD Module Specification
logo
List of Unclassifed Man...
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
LCD MODULE SPECIFICATION
ST64PNPP ETC1-ST64PNPP Datasheet
270Kb / 8P
LCD MODULE SPECIFICATION
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
LCD Module Specification
logo
OPTREX CORPORATION
DMC-50097H OPTREX-DMC-50097H Datasheet
162Kb / 14P
LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
LCD MODULE SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com