Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54587P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M54587P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M54587P
Download  M54587P Download
File Size   44.01 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE

M54587P Datasheet (PDF)

Go To PDF Page Download Datasheet
M54587P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M54587P
Download  M54587P Click to download

File Size   44.01 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE

M54587P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M54587P Product details

DESCRIPTION

M54587P and M54587FP are eight-circuit collector-current synchronized Darlington transistor arrays. The circuits are made of PNP and NPN transistors. Both the semiconductor integrated circuits perform high-current driving with extremely low input-current supply.



FEATURES

●High breakdown voltage (BVCEO ≥50V)

●High-current driving (IC(max)= 500mA)

●“L” active level input

●With input diode

●With clamping diodes

●Wide operating temperature range (Ta = –20 to +75°C)



APPLICATION

Interfaces between microcomputers and high-voltage, high current drive systems, drives of relays and MOS-bipolar logic IC interfaces




Similar Part No. - M54587P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P Datasheet
81Kb / 4P
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P_99 Datasheet
81Kb / 4P
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54581P MITSUBISHI-M54581P Datasheet
178Kb / 3P
S-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54583 MITSUBISHI-M54583 Datasheet
175Kb / 3P
8 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
More results


Similar Description - M54587P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com