Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54580P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M54580P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M54580P
Download  M54580P Download
File Size   101.87 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY

M54580P Datasheet (PDF)

Go To PDF Page Download Datasheet
M54580P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M54580P
Download  M54580P Click to download

File Size   101.87 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY

M54580P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M54580P Product details

DESCRIPTION
M54580P and M54580FP are seven-circuit output-sourcing Darlington transistor arrays. The circuits are made of PNP and NPN transistors. Both the semiconductor integrated circuits perform high-current driving with extremely low inputcurrent supply.

FEATURES
● High breakdown voltage (BVCEO ≥ 50V)
● High-current driving (Io(max) = –150mA)
● Active L-level input
● With input diodes
● Wide operating temperature range (Ta = –20 to +75°C)

APPLICATION
    Drives of relays, printers and indication elements such as LEDs, fluorescent display tubes and lamps, and interfaces between MOS-bipolar logic systems and relays, solenoids, or small motors




Similar Part No. - M54580P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54580P MITSUBISHI-M54580P Datasheet
81Kb / 4P
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P_99 Datasheet
81Kb / 4P
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
More results


Similar Description - M54580P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1275 SANYO-LB1275 Datasheet
62Kb / 2P
7-Unit, Darlington Transistor Array???
logo
Mitsubishi Electric Sem...
M54560P MITSUBISHI-M54560P Datasheet
100Kb / 3P
7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54528P MITSUBISHI-M54528P Datasheet
90Kb / 2P
7- UNIT 150MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54564P MITSUBISHI-M54564P Datasheet
77Kb / 4P
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P_99 Datasheet
81Kb / 4P
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M464S1654BT1 MITSUBISHI-M464S1654BT1 Datasheet
53Kb / 4P
7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com