Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1275 Datasheet (PDF) - Sanyo Semicon Device

LB1275 Datasheet PDF - Sanyo Semicon Device
Part # LB1275
Download  LB1275 Download
File Size   62.39 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 7-Unit, Darlington Transistor Array???

LB1275 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1275 Datasheet PDF - Sanyo Semicon Device

Part # LB1275
Download  LB1275 Click to download

File Size   62.39 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 7-Unit, Darlington Transistor Array???

LB1275 Datasheet (HTML) - Sanyo Semicon Device


LB1275 Product details

Overview
This LB1275, 7-unit Darlington transistor array using NPN transistors, is specially designed for printer driver, lamp or relay driver.
Protector diodes against negative input are used by which it is easy to design drive circuits of a calculator with a printer using indicator or a cash register.
   
Features
• 7-unit version (DIP-16) or LB1274 (6-unit DIP-14).
• Protector diodes against negative input (VIN=–40 to +20V).
• Spark killer diodes for inductive load.
• Suitable for 85mA type printer mechanism (IOUT max = 100mA DC).
   




Similar Part No. - LB1275

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1272 SANYO-LB1272 Datasheet
57Kb / 2P
6-Unit, Darlington Transistor Array?
LB1273 SANYO-LB1273 Datasheet
56Kb / 2P
6-Unit, Darlington Transistor Array???
LB1273R SANYO-LB1273R Datasheet
56Kb / 2P
6-Unit, Darlington Transistor Array???
LB1274 SANYO-LB1274 Datasheet
59Kb / 2P
6-Unit, Darlington Transistor Array???
LB1276 SANYO-LB1276 Datasheet
47Kb / 2P
High-Sensitivity LED Driver Array
More results


Similar Description - LB1275

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54519P MITSUBISHI-M54519P Datasheet
84Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1710 SANYO-LB1710 Datasheet
70Kb / 3P
Low-Active, 7-Unit, Darlington Transistor Array
logo
Mitsubishi Electric Sem...
M54560P MITSUBISHI-M54560P Datasheet
100Kb / 3P
7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54566P MITSUBISHI-M54566P Datasheet
95Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
logo
Sharp Corporation
IR2403 SHARP-IR2403 Datasheet
64Kb / 2P
7- UNIT 400MA DARLINGTON TRANSISTOR ARRAY
logo
Mitsubishi Electric Sem...
M54566P MITSUBISHI-M54566P_99 Datasheet
84Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M63832GP MITSUBISHI-M63832GP Datasheet
62Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com