Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1274 Datasheet (PDF) - Sanyo Semicon Device

LB1274 Datasheet PDF - Sanyo Semicon Device
Part # LB1274
Download  LB1274 Download
File Size   59.05 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6-Unit, Darlington Transistor Array???

LB1274 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1274 Datasheet PDF - Sanyo Semicon Device

Part # LB1274
Download  LB1274 Click to download

File Size   59.05 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6-Unit, Darlington Transistor Array???

LB1274 Datasheet (HTML) - Sanyo Semicon Device


LB1274 Product details

Overview
Circuit structure of this IC is a 6-unit Darlington transistor array with NPN transistors. The IC is ideal for driving printers, relays, and lamps. Protective diodes guard against negative inputs. Thus it has advantages when designing circuits to drive printer-calculators that use display tubes, cash registers, and the like.

Features
• Ideal for 18-digit printers (because it has 6 units).
• Protective diodes are incorporated against negative inputs (VIN=–40 to +20V).
• Ideal for printers, with 85-mA load current (IOUT max =100mA DC).
• Spark-killer diodes accommodate L-loads.




Similar Part No. - LB1274

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1272 SANYO-LB1272 Datasheet
57Kb / 2P
6-Unit, Darlington Transistor Array?
LB1273 SANYO-LB1273 Datasheet
56Kb / 2P
6-Unit, Darlington Transistor Array???
LB1273R SANYO-LB1273R Datasheet
56Kb / 2P
6-Unit, Darlington Transistor Array???
LB1275 SANYO-LB1275 Datasheet
62Kb / 2P
7-Unit, Darlington Transistor Array???
LB1276 SANYO-LB1276 Datasheet
47Kb / 2P
High-Sensitivity LED Driver Array
More results


Similar Description - LB1274

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1272 SANYO-LB1272 Datasheet
57Kb / 2P
6-Unit, Darlington Transistor Array?
LB1273R SANYO-LB1273R Datasheet
56Kb / 2P
6-Unit, Darlington Transistor Array???
LB1275 SANYO-LB1275 Datasheet
62Kb / 2P
7-Unit, Darlington Transistor Array???
logo
Mitsubishi Electric Sem...
M54527P MITSUBISHI-M54527P Datasheet
72Kb / 4P
6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54583 MITSUBISHI-M54583 Datasheet
175Kb / 3P
8 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54516P MITSUBISHI-M54516P Datasheet
101Kb / 3P
5-UNIT 500MA DARLINGTON TRANSISTOR ARRAY
logo
Sharp Corporation
IR2419 SHARP-IR2419 Datasheet
129Kb / 2P
6-Unit 400mA Darlington Transistor Array
logo
Mitsubishi Electric Sem...
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com