Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4281 Datasheet (PDF) - Maxim Integrated Products

MAX4281 Datasheet PDF - Maxim Integrated Products
Part # MAX4281
Download  MAX4281 Download
File Size   307.94 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps

MAX4281 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4281 Datasheet PDF - Maxim Integrated Products

Part # MAX4281
Download  MAX4281 Click to download

File Size   307.94 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps

MAX4281 Datasheet (HTML) - Maxim Integrated Products


MAX4281 Product details

General Description

The MAX4174/MAX4175/MAX4274/MAX4275 Gain Amp™ family combines a low-cost Rail-to-Rail®op amp with precision internal gain-setting resistors and VCC/ 2 biasing. Factory-trimmed on-chip resistors decrease design size, cost, and layout, and provide 0.1% gain accuracy. Fixed inverting gains from -0.25V/V to -100V/V or noninverting gains from +1.25V/V to +101V/V are available. These devices operate from a single +2.5V to +5.5V supply and consume only 300µA.

GainAmp amplifiers are optimally compensated for each gain version, achieving exceptional GBW products up to 23MHz (AV= +25V/V to +101V/V). High-voltage fault protection withstands ±17V at either input without excessive current draw.



Features

♦GainAmp Family Provides Internal Precision Gain-Setting Resistors in SOT23 (MAX4174/5)

♦0.1% Gain Accuracy (RF/RG) (MAX4174/5, MAX4274/5)

♦54 Standard Gains Available (MAX4174/5, MAX4274/5)

♦Open-Loop Unity-Gain-Stable Op Amps (MAX4281/2/4)

♦Rail-to-Rail Outputs Drive 1kΩLoad

♦Internal VCC / 2 Biasing (MAX4175/MAX4275)

♦+2.5V to +5.5V Single Supply

♦300µA Supply Current 

♦Up to 23MHz GBW Product

♦Fault-Protected Inputs Withstand ±17V

♦Stable with Capacitive Loads Up to 470pF with No Isolation Resistor




Similar Part No. - MAX4281

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4285 MAXIM-MAX4285 Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285ESA MAXIM-MAX4285ESA Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285EUT-T MAXIM-MAX4285EUT-T Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286 MAXIM-MAX4286 Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286ESA MAXIM-MAX4286ESA Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
More results


Similar Description - MAX4281

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4074 MAXIM-MAX4074 Datasheet
412Kb / 20P
Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
19-1526; Rev 1; 10/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4236 MAXIM-MAX4236 Datasheet
455Kb / 14P
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Rev 0; 8/01
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com