Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4236 Datasheet (PDF) - Maxim Integrated Products

MAX4236 Datasheet PDF - Maxim Integrated Products
Part # MAX4236
Download  MAX4236 Download
File Size   455.37 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps

MAX4236 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4236 Datasheet PDF - Maxim Integrated Products

Part # MAX4236
Download  MAX4236 Click to download

File Size   455.37 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps

MAX4236 Datasheet (HTML) - Maxim Integrated Products


MAX4236 Product details

General Description
The MAX4236/MAX4237 are high-precision op amps that feature an exceptionally low offset voltage and offset voltage temperature coefficient without using any chopper techniques. The MAX4236 and MAX4237 have a typical large-signal, open-loop voltage gain of 120dB. These devices have an ultra-low input-bias current of 1pA. The MAX4236 is unity-gain stable with a gain bandwidth product of 1.7MHz, while the MAX4237 is stable for closed-loop gains greater than 5V/V with a gain-bandwidth product of 7.5MHz. Both devices have a shutdown function in which the quiescent current is reduced to less than 0.1µA, and the amplifier output is forced into a high-impedance state.
The input common-mode range of the MAX4236/MAX4237 extends below the negative supply range, and the output swings Rail-to-Rail®. These features make the amplifiers ideal for applications with +3V or +5V single power supplies. The MAX4236/MAX4237 are specified for the extended temperature range (-40°C to +85°C) and are available in tiny SOT23, µMAX, and SO packages. For greater accuracy, the A grade µMAX and SO packages are tested to guarantee 20µV (max) offset voltage at +25°C and less then 2µV/°C drift.

Features
♦ Ultra-Low Offset Voltage
   20µV (max) at +25°C (Grade A)
   50µV (max) at +25°C (Grade B, 6-Pin SOT23)
♦ Ultra-Low Offset Voltage Drift
   2µV/°C (max) (Grade A)
   4.5µV/°C (max) (Grade B, 6-Pin SOT23)
   5.5µV/°C (max) (6-Pin SOT23)
♦ Ultra-Low 1pA Input Bias Current
♦ High Open-Loop Voltage Gain: 110dB (min)
   (RL = 100kΩ)
♦ Compatible with +3V and +5V Single-Supply
   Power Systems
♦ Ground Sensing: Input Common-Mode Range
   Includes Negative Rail
♦ Rail-to-Rail Output Swing into a 1kΩ Load
♦ 350µA Quiescent Current
♦ Gain-Bandwidth Product
   1.7MHz (MAX4236, AV = 1V/V)
   7.5MHz (MAX4237, AV = 5V/V)
♦ 200pF Capacitive Load Handling Capability
♦ Shutdown Mode: 0.1µA Quiescent Current,
   Places Output in a High-Impedance State
♦ Available in Space-Saving SOT23 and µMAX Packages

Applications
   Strain Gauges
   Piezoelectric Sensors
   Thermocouple Amplifiers
   Electrochemical Sensors
   Battery-Powered Instrumentation
   Instrumentation Amplifiers




Similar Part No. - MAX4236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX423 MAXIM-MAX423 Datasheet
438Kb / 12P
짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230 Datasheet
715Kb / 26P
High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
902Kb / 27P
High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230 Datasheet
859Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results


Similar Description - MAX4236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Maxim Integrated Produc...
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com