Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC6-2N4 Datasheet (PDF) - STMicroelectronics

USBULC6-2N4 Datasheet PDF - STMicroelectronics
Part # USBULC6-2N4
Download  USBULC6-2N4 Download
File Size   179.03 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow capacitance ESD protection for high speed interface

USBULC6-2N4 Datasheet (PDF)

Go To PDF Page Download Datasheet
USBULC6-2N4 Datasheet PDF - STMicroelectronics

Part # USBULC6-2N4
Download  USBULC6-2N4 Click to download

File Size   179.03 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow capacitance ESD protection for high speed interface

USBULC6-2N4 Datasheet (HTML) - STMicroelectronics


USBULC6-2N4 Product details

Description
The USBULC6-2N4 is a monolithic application specific discrete device dedicated to ESD protection of high speed data buses. The device is available in the µQFN-4L package.

Features
■ 2-line TVS diodes
■ Ultralow capacitance 0.6 pF typ.
■ 1.0 x 0.8 mm package
■ 0.4 mm pitch
■ Lead-free package Benefits
■ Flow-through layout
■ Easy to implement
■ Low profile: 0.55mm height max
■ Very low PCB space: only 0.8 mm² Complies with following standards
■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge)




Similar Part No. - USBULC6-2N4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
193Kb / 8P
Dual ultra low capacitance protection for high speed USB
15-Dec-2006
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3_08 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
USBULC6-2F4 STMICROELECTRONICS-USBULC6-2F4 Datasheet
310Kb / 8P
2-line, ultralow capacitance protection in 0.3 mm pitch
December 2013 Rev 1
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
2-line Transil™ ultralow capacitance protection for high speed USB
20-Dec-2013
More results


Similar Description - USBULC6-2N4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
ON Semiconductor
ESD7104MUTAG ONSEMI-ESD7104MUTAG Datasheet
342Kb / 9P
Low Capacitance ESD Protection for High Speed Data
April, 2012 ??Rev. 2
logo
STMicroelectronics
DVIULC6-4SC6Y STMICROELECTRONICS-DVIULC6-4SC6Y Datasheet
203Kb / 12P
Automotive ultralow capacitance ESD protection
06-Sep-2012
ESDARF03-1BF3 STMICROELECTRONICS-ESDARF03-1BF3 Datasheet
133Kb / 7P
Ultralow capacitance ESD protection for antenna
15-Nov-2010
logo
AMAZING Microelectronic...
AZ1013-04F AMAZING-AZ1013-04F Datasheet
263Kb / 6P
Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
AZ1213-04F AMAZING-AZ1213-04F Datasheet
380Kb / 7P
Low Capacitance ESD Protection Array For High-Speed Data Interface
Revision 2018/05/23
AZ1243-04F AMAZING-AZ1243-04F Datasheet
215Kb / 6P
Ultra Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2017/05/17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com