Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDARF03-1BF3 Datasheet (PDF) - STMicroelectronics

ESDARF03-1BF3 Datasheet PDF - STMicroelectronics
Part # ESDARF03-1BF3
Download  ESDARF03-1BF3 Download
File Size   133.33 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow capacitance ESD protection for antenna

ESDARF03-1BF3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDARF03-1BF3 Datasheet PDF - STMicroelectronics

Part # ESDARF03-1BF3
Download  ESDARF03-1BF3 Click to download

File Size   133.33 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultralow capacitance ESD protection for antenna

ESDARF03-1BF3 Datasheet (HTML) - STMicroelectronics


ESDARF03-1BF3 Product details

Description
The ESDARF03-1BF3 is a monolithic, application specific discrete device dedicated to ESD protection of antennas. Its ultralow line capacitance secures a high level of signal integrity without compromising the protection of sensitive chips against the most stringently characterized ESD strikes.

Features
■ ultralow diode capacitance 0.6 pF
■ Single line, protected against 15 kV ESD
■ breakdown voltage VBR = 6.0 V min.
■ Flip Chip 400 µm pitch, lead-free
■ very low leakage current
■ very small PCB area
■ RoHS compliant Benefits
■ minimized impact on rise and fall times for maximum data integrity
■ low PCB space occupation
■ higher reliability through monolithic integration Complies with the following standards
■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883G - Method 3015.7: – 25 kV (human body model)

Applications
■ antenna protection
■ DVB - H
■ GPS




Similar Part No. - ESDARF03-1BF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDARF01-1BF4 STMICROELECTRONICS-ESDARF01-1BF4 Datasheet
159Kb / 13P
ESD protection for AM and FM antenna
January 2013 Rev1
ESDARF01-1BM2 STMICROELECTRONICS-ESDARF01-1BM2 Datasheet
201Kb / 11P
ESD protection for AM and FM antenna
13-Jun-2012
ESDARF02 STMICROELECTRONICS-ESDARF02 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
Single-line bidirectional ESD protection for high speed interface
20-Aug-2015
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
Single-line bidirectional ESD protection for high speed interface
25-Feb-2015
More results


Similar Description - ESDARF03-1BF3

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
ON Semiconductor
ESD8472MUT5G ONSEMI-ESD8472MUT5G Datasheet
180Kb / 4P
Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 1
logo
STMicroelectronics
ESDARF01-1BM2 STMICROELECTRONICS-ESDARF01-1BM2 Datasheet
201Kb / 11P
ESD protection for AM and FM antenna
13-Jun-2012
ESDARF01-1BF4 STMICROELECTRONICS-ESDARF01-1BF4 Datasheet
159Kb / 13P
ESD protection for AM and FM antenna
January 2013 Rev1
logo
Jiangsu Changjiang Elec...
CESDLC5V0AT7 JIANGSU-CESDLC5V0AT7 Datasheet
1Mb / 2P
Low Capacitance for ESD Protection
logo
STMicroelectronics
DVIULC6-4SC6Y STMICROELECTRONICS-DVIULC6-4SC6Y Datasheet
203Kb / 12P
Automotive ultralow capacitance ESD protection
06-Sep-2012
USBULC6-2N4 STMICROELECTRONICS-USBULC6-2N4 Datasheet
179Kb / 10P
Ultralow capacitance ESD protection for high speed interface
September 2011 Rev 1
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com