Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC6-3F3K Datasheet (PDF) - STMicroelectronics

USBULC6-3F3K Datasheet PDF - STMicroelectronics
Part # USBULC6-3F3K
Download  USBULC6-3F3K Download
File Size   262.85 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3-line low capacitance protection for high speed USB

USBULC6-3F3K Datasheet (PDF)

Go To PDF Page Download Datasheet
USBULC6-3F3K Datasheet PDF - STMicroelectronics

Part # USBULC6-3F3K
Download  USBULC6-3F3K Click to download

File Size   262.85 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3-line low capacitance protection for high speed USB

USBULC6-3F3K Datasheet (HTML) - STMicroelectronics


USBULC6-3F3K Product details

Description
The USBULC6-3F3K is a monolithic, application specific discrete device dedicated to ESD protection of high speed interfaces. Its ultralow line capacitance secures a high level of signal integrity without compromising the protection of downstream sensitive chips against the most stringently characterized ESD strikes. Flip Chip (4 bumps) 1 2 A B Data Data GND ID Data Data Data Data Data Data GND ID GND GND ID ID

Features
■ Ultra low capacitance 0.85 pF
■ Unidirectional device
■ Low clamping factor VCL/VBR
■ Fast response time
■ Very thin package: 0.605 mm max
■ Low leakage current Benefits
■ High ESD and EOS protection level
■ High integration
■ Suitable for high density boards Complies with the following standards:
■ IEC 61000-4-2 level 4
■ MIL STD 883G - Method 3015.7: class 3B




Similar Part No. - USBULC6-3F3K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
193Kb / 8P
Dual ultra low capacitance protection for high speed USB
15-Dec-2006
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3_08 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
USBULC6-2F4 STMICROELECTRONICS-USBULC6-2F4 Datasheet
310Kb / 8P
2-line, ultralow capacitance protection in 0.3 mm pitch
December 2013 Rev 1
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
2-line Transil™ ultralow capacitance protection for high speed USB
20-Dec-2013
More results


Similar Description - USBULC6-3F3K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
193Kb / 8P
Dual ultra low capacitance protection for high speed USB
15-Dec-2006
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3_08 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N Datasheet
160Kb / 5P
Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
November, 2009 ??Rev. 0
NUP4016 ONSEMI-NUP4016 Datasheet
94Kb / 3P
Ultra-Low Capacitance Diode-TVS Array for High Speed Data Line Protection
September, 2008 ??Rev. 0
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
logo
Texas Instruments
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
STMicroelectronics
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
2-line Transil™ ultralow capacitance protection for high speed USB
20-Dec-2013
logo
ON Semiconductor
ESD8351 ONSEMI-ESD8351_V01 Datasheet
501Kb / 10P
ESD Protection Diodes Low Capacitance ESD Protection Diode for High Speed Data Line
October, 2021 - Rev. 11
logo
TECH PUBLIC Electronics...
TPD3E001DRLR-TP TECHPUBLIC-TPD3E001DRLR-TP Datasheet
2Mb / 5P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com