Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBULC6-3F3K Datasheet(PDF) 3 Page - STMicroelectronics

Part # USBULC6-3F3K
Description  3-line low capacitance protection for high speed USB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-3F3K Datasheet(HTML) 3 Page - STMicroelectronics

  USBULC6-3F3K Datasheet HTML 1Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 2Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 3Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 4Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 5Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 6Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 7Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 8Page - STMicroelectronics USBULC6-3F3K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID023694 Rev 1
3/10
USBULC6-3F3K
Characteristics
10
Figure 3. Relative variation of peak pulse power
versus initial junction temperature (typical
value)
Figure 4. Peak pulse power versus exponential
pulse duration (typical)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j
1
10
100
1000
10
100
1000
P (W)
PP
T (µs)
P
Figure 5. Clamping voltage versus peak pulse
current (typical values, exponential waveform)
Figure 6. Forward voltage drop versus peak
forward current (typical values)
0.1
1.0
10.0
010
20
30
T initial = 25 °C
8/20 µs
j
I (A)
PP
V (V)
CL
0.10
1.00
10.00
0.5
0.8 1.0
1.3 1.5
1.8 2.0
2.3 2.5
2.8 3.0
3.3 3.5
3.8 4.0
I (A)
FM
V (V)
FM
Figure 7. Junction capacitance versus reverse
voltage applied
(typical values)
Figure 8. Junction capacitance versus
frequency (typical values)
0.0
0.5
1.0
1.5
2.0
01
2
3
45
VR(V)
F = 1 MHz
V
= 30 mV
V= 0 V
T = 25 °C
OSC
r
j
RMS
C(pF)
V
(V)
LINE
0.00
0.25
0.50
0.75
1.00
0
250
500
750 1000 1250 1500 1750 2000 2250 2500 2750 3000
F(MHz)
C(pF)
F = 20 MHz –3 GHz
Vosc = 30 mV
V= 0 V
T = 25 °C
B1/A2
RMS
r
j
A1/A2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com