Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9273 Datasheet (PDF) - Analog Devices

AD9273 Datasheet PDF - Analog Devices
Part # AD9273
Download  AD9273 Download
File Size   710.91 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/ADC and Crosspoint Switch

AD9273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9273 Datasheet PDF - Analog Devices

Part # AD9273
Download  AD9273 Click to download

File Size   710.91 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/ADC and Crosspoint Switch

AD9273 Datasheet (HTML) - Analog Devices


AD9273 Product details

GENERAL DESCRIPTION

The AD9273 is designed for low cost, low power, small size, and ease of use. It contains eight channels of a low noise preamplifier (LNA) with a variable gain amplifier (VGA); an antialiasing filter (AAF); and a 12-bit, 10 MSPS to 50 MSPS analog-to digital converter (ADC).

Each channel features a variable gain range of 42 dB, a fully differential signal path, an active input preamplifier termination, a maximum gain of up to 52 dB, and an ADC with a conversion rate of up to 50 MSPS. The channel is optimized for dynamic performance and low power in applications where a small package size is critical.



FEATURES

8 channels of LNA, VGA, AAF, and ADC

Low noise preamplifier (LNA) 

   Input-referred noise voltage = 1.26 nV/√Hz (gain = 21.3 dB) @ 5 MHz typical

   SPI-programmable gain = 15.6 dB/17.9 dB/21.3 dB

   Single-ended input; VIN maximum = 733 mV p-p/550 mV p-p/367 mV p-p

   Dual-mode active input impedance matching

   Bandwidth (BW) > 100 MHz

   Full-scale (FS) output = 4.4 V p-p differential

Variable gain amplifier (VGA)

   Attenuator range = −42 dB to 0 dB

   SPI-programmable PGA gain = 21 dB/24 dB/27 dB/30 dB

   Linear-in-dB gain control

Antialiasing filter (AAF)

   Programmable 2nd-order low-pass filter (LPF) from 8 MHz to 18 MHz

   Programmable high-pass filter (HPF)

Analog-to-digital converter (ADC)

   12 bits at 10 MSPS to 50 MSPS

   SNR = 70 dB

   SFDR = 75 dB

   Serial LVDS (ANSI-644, IEEE 1596.3 reduced range link)

   Data and frame clock outputs

Includes an 8 × 8 differential crosspoint switch to support continuous wave (CW) Doppler

Low power, 109 mW per channel at 12 bits/40 MSPS (TGC)

70 mW per channel in CW Doppler

Flexible power-down modes

Overload recovery in <10 ns

Fast recovery from low power standby mode, <2 μs

100-lead TQFP and 144-ball BGA



APPLICATIONS

  Medical imaging/ultrasound

  Automotive radar



 




Similar Part No. - AD9273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9273 AD-AD9273 Datasheet
65Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
More results


Similar Description - AD9273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Revision 0
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9279 AD-AD9279 Datasheet
971Kb / 44P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9272 AD-AD9272_17 Datasheet
775Kb / 45P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. B to Rev. C
AD9278 AD-AD9278 Datasheet
910Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
02/23/2017
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com