Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9272 Datasheet (PDF) - Analog Devices

AD9272 Datasheet PDF - Analog Devices
Part # AD9272
Download  AD9272 Download
File Size   71.52 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/ADC and Crosspoint Switch

AD9272 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9272 Datasheet PDF - Analog Devices

Part # AD9272
Download  AD9272 Click to download

File Size   71.52 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/ADC and Crosspoint Switch

AD9272 Datasheet (HTML) - Analog Devices


AD9272 Product details

GENERAL DESCRIPTION
The AD9272 is designed for low cost, low power, small size, and ease of use. It contains eight channels of a low noise preamplifier (LNA) with a variable gain amplifier (VGA), an antialiasing filter (AAF), and a 12-bit, 10 MSPS to 80 MSPS analog-todigital converter (ADC).

FEATURES
   8 channels of LNA, VGA, AAF, and ADC
   Low noise preamplifier (LNA)
      Input-referred noise voltage = 0.75 nV/√Hz
         (gain = 21.3 dB) @ 5 MHz typical
      SPI-programmable gain = 15.6 dB/17.9 dB/21.3 dB
      Single-ended input; VIN maximum = 733 mV p-p/
         550 mV p-p/367 mV p-p
      Dual-mode active input impedance matching
      Bandwidth (BW) > 100 MHz
      Full-scale (FS) output = 4.4 V p-p differential
   Variable gain amplifier (VGA)
      Attenuator range = −42 dB to 0 dB
      SPI-programmable PGA gain = 21 dB/24 dB/27 dB/30 dB
      Linear-in-dB gain control
   Antialiasing filter (AAF)
      Programmable 2nd-order low-pass filter (LPF) from
         8 MHz to 18 MHz
      Programmable high-pass filter (HPF)
   Analog-to-digital converter (ADC)
      12 bits at 10 MSPS to 80 MSPS
      SNR = 70 dB
      SFDR = 75 dB
      Serial LVDS (ANSI-644, IEEE 1596.3 reduced range link)
      Data and frame clock outputs
   Includes an 8 × 8 differential crosspoint switch to support
      continuous wave (CW) Doppler
   Low power, 195 mW per channel at 12 bits/40 MSPS (TGC)
   120 mW per channel in CW Doppler
   Flexible power-down modes
   Overload recovery in <10 ns
   Fast recovery from low power standby mode, <2 μs
   100-lead TQFP
  
APPLICATIONS
   Medical imaging/ultrasound
   Automotive radar




Similar Part No. - AD9272

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
775Kb / 45P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. B to Rev. C
AD9272-65EBZ AD-AD9272-65EBZ Datasheet
775Kb / 45P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. B to Rev. C
AD9272-65EBZ1 AD-AD9272-65EBZ1 Datasheet
977Kb / 44P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9272-80KITZ AD-AD9272-80KITZ Datasheet
775Kb / 45P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. B to Rev. C
AD9272-80KITZ1 AD-AD9272-80KITZ1 Datasheet
977Kb / 44P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Similar Description - AD9272

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Revision 0
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9279 AD-AD9279 Datasheet
971Kb / 44P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9272 AD-AD9272_17 Datasheet
775Kb / 45P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. B to Rev. C
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9278 AD-AD9278 Datasheet
910Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
02/23/2017
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com