Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL16612 Datasheet (PDF) - NXP Semiconductors

GTL16612 Datasheet PDF - NXP Semiconductors
Part # GTL16612
Download  GTL16612 Download
File Size   98.68 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)

GTL16612 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTL16612 Datasheet PDF - NXP Semiconductors

Part # GTL16612
Download  GTL16612 Click to download

File Size   98.68 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)

GTL16612 Datasheet (HTML) - NXP Semiconductors


GTL16612 Product details

DESCRIPTION
The GTL16612 is a high-performance BiCMOS product designed for VCC operation at 3.3 V with I/O compatibility up to 5 V.

FEATURES
• 18-bit bidirectional bus interface
• Translates between GTL/GTL+ logic levels (B ports) and LVTTL/TTL logic levels (A ports)
• 5 V I/O tolerant on the LVTTL/TTL side (A ports)
• No bus current loading when LVTTL/TTL output is tied to 5 V bus
• 3-State buffers
• Output capability: +64 mA/-32 mA on the LVTTL/TTL side (A ports); +40 mA on the GTL/GTL+ side (B ports)
• TTL input levels on control pins
• Power-up reset
• Power-up 3-State
• Positive edge triggered clock inputs
• Latch-up protection exceeds 500 mA per JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101




Similar Part No. - GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL16616 TI-GTL16616 Datasheet
160Kb / 14P
17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results


Similar Description - GTL16612

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL2005 PHILIPS-GTL2005 Datasheet
85Kb / 8P
Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2005 NXP-GTL2005 Datasheet
124Kb / 19P
Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
Rev. 07-3 February 2009
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com