Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2005 Datasheet (PDF) - NXP Semiconductors

GTL2005 Datasheet PDF - NXP Semiconductors
Part # GTL2005
Download  GTL2005 Download
File Size   124.82 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator

GTL2005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTL2005 Datasheet PDF - NXP Semiconductors

Part # GTL2005
Download  GTL2005 Click to download

File Size   124.82 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator

GTL2005 Datasheet (HTML) - NXP Semiconductors


GTL2005 Product details

General description
The GTL2005 is a quad translating transceiver designed for 3.3 V system interface with a GTL/GTL+ bus.
The direction pin (DIR) allows the part to function as either a GTL-to-TTL sampling receiver or as a TTL-to-GTL interface.
The GTL2005 LVTTL interface is tolerant up to 5.5 V allowing direct access to TTL or 5 V CMOS outputs.

Features
■ Operates as a quad GTL/GTL+ sampling receiver or as a LVTTL/TTL to GTL/GTL+ driver
■ Quad bidirectional bus interface
■ 3.0 V to 3.6 V operation with 5 V tolerant LVTTL I/O
■ Live insertion/extraction permitted
■ Latch-up protection exceeds 500 mA per JESD78
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per JESD22-A115, and 1000 V CDM per JESD22-CC101
■ Package offered: TSSOP14




Similar Part No. - GTL2005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2005 PHILIPS-GTL2005 Datasheet
85Kb / 8P
Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
GTL2005PW PHILIPS-GTL2005PW Datasheet
85Kb / 8P
Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
GTL2005PWDH PHILIPS-GTL2005PWDH Datasheet
85Kb / 8P
Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
More results


Similar Description - GTL2005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL2005 PHILIPS-GTL2005 Datasheet
85Kb / 8P
Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com