Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB2PD-63-S Datasheet (PDF) - Mini-Circuits

ZB2PD-63-S Datasheet PDF - Mini-Circuits
Part # ZB2PD-63-S
Download  ZB2PD-63-S Download
File Size   298.39 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

ZB2PD-63-S Datasheet (PDF)

Go To PDF Page Download Datasheet
ZB2PD-63-S Datasheet PDF - Mini-Circuits

Part # ZB2PD-63-S
Download  ZB2PD-63-S Click to download

File Size   298.39 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

ZB2PD-63-S Datasheet (HTML) - Mini-Circuits


ZB2PD-63-S Product details

Product Overview
Mini-Circuits’ ZB2PD-63+ is a 2-way 0˚ high-power splitter/combiner providing up to 30W power handling as a splitter (1.0W as a combiner) and low insertion loss across the entire 600 to 6000 MHz frequency range. Its outstanding combination of high power handling and low loss minimize power dissipation and provide excellent signal power transmission from input to output. The ZB2PD-63+ comes housed in a rugged aluminum alloy case measuring 1.99 x 5.26 x 0.95” with your choice of SMA or N-type connectors.

Features
• low insertion loss, 0.8 dB typ.
• wideband, 600 to 6000 MHz
• excellent amplitude unbalance, 0.15 dB typ.
• excellent phase unbalance, 2 deg. typ.
• up to 30W power input as splitter
• rugged shielded case

Applications
• UHF TV
• cellular/ISM/SMG/GSM
• satellite distribution
• GPS/L BAND (MARSAT)
• PCS/DCS/UMTS
• MMDC
• SATCOM
• Instrumentation




Similar Part No. - ZB2PD-63-S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB2-BE101 SCHNEIDER-ZB2-BE101 Datasheet
107Kb / 2P
Harmony, 22mm Push Button, add on contact block, 1 NO, screw clamp terminal
Sep 20, 2021
ZB2-BE102 SCHNEIDER-ZB2-BE102 Datasheet
123Kb / 2P
Harmony, 22mm Push Button, add on contact block, 1 NC, screw clamp terminal
Sep 20, 2021
logo
ZHEJIANG HUAJING RECTIF...
ZB200A HUAJING-ZB200A Datasheet
135Kb / 2P
Avalan Diode
logo
List of Unclassifed Man...
ZB21 ETC2-ZB21 Datasheet
759Kb / 5P
ZigBee OEM Module
logo
GETAI ELECTRONICS DEVIC...
ZB289 GETEDZ-ZB289 Datasheet
66Kb / 1P
High speed switching
More results


Similar Description - ZB2PD-63-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com