Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV116W Datasheet (PDF) - Micro Commercial Components

BAV116W Datasheet PDF - Micro Commercial Components
Part # BAV116W
Download  BAV116W Download
File Size   395.58 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW SWITCHING DIODE 130 Volts

BAV116W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV116W Datasheet PDF - Micro Commercial Components

Part # BAV116W
Download  BAV116W Click to download

File Size   395.58 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW SWITCHING DIODE 130 Volts

BAV116W Datasheet (HTML) - Micro Commercial Components


BAV116W Product details

Features
• Low Leakage Current Applications
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking:XX




Similar Part No. - BAV116W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV116W DIODES-BAV116W Datasheet
69Kb / 2P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30291 Rev. 2 - 2
BAV116W DIODES-BAV116W Datasheet
74Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30291 Rev. 8 - 2
BAV116W DIODES-BAV116W Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV116W DIODES-BAV116W Datasheet
285Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 12
logo
YAGEO Corporation
BAV116W YAGEO-BAV116W Datasheet
430Kb / 6P
Switching Diode
Dec. 03, 2023 V.1
More results


Similar Description - BAV116W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
350mW 100Volt Switching Diode
logo
Micro Commercial Compon...
BAL99 MCC-BAL99 Datasheet
251Kb / 3P
350mW 70Volt Switching Diode
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
350mW 100Volt Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
350mW SMD Switching Diode
logo
Micro Commercial Compon...
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
350mW 70Volt Switching Diode
BAS16 MCC-BAS16_13 Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004_15 Datasheet
255Kb / 4P
350mW, SMD Switching Diode
logo
Micro Commercial Compon...
CMPSH-3 MCC-CMPSH-3_13 Datasheet
208Kb / 3P
350mW 30Volt Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com