Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL99 Datasheet (PDF) - Micro Commercial Components

BAL99 Datasheet PDF - Micro Commercial Components
Part # BAL99
Download  BAL99 Download
File Size   251.78 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 70Volt Switching Diode

BAL99 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAL99 Datasheet PDF - Micro Commercial Components

Part # BAL99
Download  BAL99 Click to download

File Size   251.78 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 70Volt Switching Diode

BAL99 Datasheet (HTML) - Micro Commercial Components


BAL99 Product details

Features
• Low Current Leakage
• Low Cost
• Small Outline Surface Mount Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking:JF




Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAL99 WTE-BAL99 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
350mW 100Volt Switching Diode
logo
Micro Commercial Compon...
BAV99 MCC-BAV99_11 Datasheet
189Kb / 3P
350mW 70Volt Dual Series Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
350mW SMD Switching Diode
logo
Micro Commercial Compon...
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
350mW 70Volt Switching Diode
BAV99 MCC-BAV99_13 Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
BAV99-TP MCC-BAV99-TP Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004_15 Datasheet
255Kb / 4P
350mW, SMD Switching Diode
logo
Micro Commercial Compon...
CMPSH-3 MCC-CMPSH-3_13 Datasheet
208Kb / 3P
350mW 30Volt Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com