Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL99 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAL99
Description  350mW 70Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAL99 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAL99 Datasheet HTML 1Page - Micro Commercial Components BAL99 Datasheet HTML 2Page - Micro Commercial Components BAL99 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA
L99
350mW 70Volt
Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Current Leakage
•
Low Cost
•
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance;
556oC/W Junction To Ambient
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
3
1
2
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
1 of 3
Marking:J
F
K
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
Average Rectified
Output Current
VF *
855mV
IFM = 10mA;
1000mV
IFM = 50mA;
1250mV
IFM = 150mA;
IR
2.5uA
VR=70Volts
Typical Junction
Measured at
Capacitance
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
6nS
IF=IR=10mA
RL=100
,Irr=0.1xI R
Maximum Instantaneous
Forward Voltage
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
CJ
1.5pF
IO
100mA
715mV
IFM = 1mA;
Power Dissipation
PTOT
350mW
70V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAL99 WTE-BAL99 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
350mW 100Volt Switching Diode
logo
Micro Commercial Compon...
BAV99 MCC-BAV99_11 Datasheet
189Kb / 3P
350mW 70Volt Dual Series Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
350mW SMD Switching Diode
logo
Micro Commercial Compon...
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
350mW 70Volt Switching Diode
BAV99 MCC-BAV99_13 Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
BAV99-TP MCC-BAV99-TP Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004_15 Datasheet
255Kb / 4P
350mW, SMD Switching Diode
logo
Micro Commercial Compon...
CMPSH-3 MCC-CMPSH-3_13 Datasheet
208Kb / 3P
350mW 30Volt Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com