Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP202U Datasheet (PDF) - Micro Commercial Components

DAP202U Datasheet PDF - Micro Commercial Components
Part # DAP202U
Download  DAP202U Download
File Size   274.89 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 100 mA Switching Diode80 Volts

DAP202U Datasheet (PDF)

Go To PDF Page Download Datasheet
DAP202U Datasheet PDF - Micro Commercial Components

Part # DAP202U
Download  DAP202U Click to download

File Size   274.89 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 100 mA Switching Diode80 Volts

DAP202U Datasheet (HTML) - Micro Commercial Components


DAP202U Product details

Features
• High reliability
• High speed (Trr=1.5ns Typ.)
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - DAP202U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Diodes Incorporated
DAP202U DIODES-DAP202U Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP202U ROHM-DAP202U Datasheet
187Kb / 3P
Switching diode
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Rohm
DAP202U ROHM-DAP202U Datasheet
1,005Kb / 3P
Switching Diode
More results


Similar Description - DAP202U

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DA204U MCC-DA204U Datasheet
157Kb / 2P
100 mA Switching Diode 20 Volts
DAN202 MCC-DAN202 Datasheet
323Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222 Datasheet
173Kb / 2P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WL2 MCC-1N4148WL2 Datasheet
395Kb / 3P
150 mA Switching Diode 100 Volts
DAN202 MCC-DAN202_13 Datasheet
386Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U_13 Datasheet
266Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222_13 Datasheet
229Kb / 2P
100 mA Switching Diode 80 Volts
DAN222M MCC-DAN222M Datasheet
318Kb / 2P
100 mA Switching Diode 80 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com