Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP161G Datasheet (PDF) - Toshiba Semiconductor

TLP161G Datasheet PDF - Toshiba Semiconductor
Part # TLP161G
Download  TLP161G Download
File Size   178.47 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Triac

TLP161G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP161G Datasheet PDF - Toshiba Semiconductor

Part # TLP161G
Download  TLP161G Click to download

File Size   178.47 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Triac

TLP161G Datasheet (HTML) - Toshiba Semiconductor


TLP161G Product details

Triac Drive Programmable Controllers

AC−Output Module Solid State Relay



The TOSHIBA mini flat coupler TLP161G is a small outline coupler, suitable for surface mount assembly.

The TLP161G consists of a photo triac, optically coupled to a gallium arsenide infrared emitting diode.



• Zero−voltage crossing turn−on

• Peak off−state voltage: 400V(min.)

• Trigger LED current: 10mA(max.)

• On−state current: 70mA(max.)

• Isolation voltage: 2500Vrms(min.)

• UL recognized: UL1577, file no. E67349



 




Similar Part No. - TLP161G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP161G TOSHIBA-TLP161G Datasheet
190Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results


Similar Description - TLP161G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com