Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3064 Datasheet (PDF) - Toshiba Semiconductor

TLP3064 Datasheet PDF - Toshiba Semiconductor
Part # TLP3064
Download  TLP3064 Download
File Size   169.25 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Triac

TLP3064 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3064 Datasheet PDF - Toshiba Semiconductor

Part # TLP3064
Download  TLP3064 Click to download

File Size   169.25 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-Triac

TLP3064 Datasheet (HTML) - Toshiba Semiconductor


TLP3064 Product details

OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY

The TOSHIBA TLP3064(S) consists of a zero voltage crossing turn-on  photo-triac optically coupled to a GaAlAsinfrared emitting diode in a six  lead plastic DIP package. 



•  Peak Off-State Voltage  : 600V(Min)

•  Trigger LED Current  : 3mA(Max)

•  On-State Current  : 100mA(Max)

•  Isolation Voltage  : 5000Vrms(Min)

•  UL Recognized  : UL1577,File No.E67349

•  SEMKO Approved  : SS EN60065  

                              SS EN60950, File No.9841113

•  BSI Approved  : BS EN60065, File No.8385

                        BS EN60950, File No.8386

•  Option (D4) type

VDE approved: DIN EN60747-5-2

Approved No. 40009302

Maximum operating insulation voltage: 890VPK

Highest permissible over voltage: 8000VPK




Similar Part No. - TLP3064

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3064 TOSHIBA-TLP3064 Datasheet
199Kb / 6P
GaAlAs IRED & PHOTO-TRIAC
TLP3064S TOSHIBA-TLP3064S Datasheet
199Kb / 6P
GaAlAs IRED & PHOTO-TRIAC
TLP3064 TOSHIBA-TLP3064_07 Datasheet
199Kb / 6P
GaAlAs IRED & PHOTO-TRIAC
More results


Similar Description - TLP3064

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com