Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP197G Datasheet (PDF) - Toshiba Semiconductor

TLP197G Datasheet PDF - Toshiba Semiconductor
Part # TLP197G
Download  TLP197G Download
File Size   189.34 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET

TLP197G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP197G Datasheet PDF - Toshiba Semiconductor

Part # TLP197G
Download  TLP197G Click to download

File Size   189.34 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET

TLP197G Datasheet (HTML) - Toshiba Semiconductor


TLP197G Product details

Modem Fax PBX

Measurement Instrumentation



The TOSHIBA mini flat photo relay TLP197G is a small outline photo relay,suitable for surface mount assembly.

The TLP197G consists of an gallium arsenide infrared emitting diode optically coupled to a photo―MOS FET in a six lead 2.1mm height package, which enable TLP197G to be applied in card modems.

The TLP197G is a bi―directional switch which can replace mechanical relays in fax machines and modems etc.



• SOP 6pin(2.54SOP6): 1−form−A

• Peak off−state voltage: 350V (min)

• Trigger LED current: 3mA (max)

• On−state current:120mA(max) (A connection)

• On−state resistance: 35Ω(max)

• Isolation voltage: 1500Vrms (min)

• UL recognized: UL1577, file No./E67349

• BSI approved: BS EN60065: 2002, certificate No.8753

                     BS EN60950-1: 2002, certificate No.8754

• SEMKO approved: SS EN60065

                          SS EN60950

• Option(V4)type

   TUV approved: DIN EN 60747-5-2

      Certificate no. 40009351



 




Similar Part No. - TLP197G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197G TOSHIBA-TLP197G Datasheet
181Kb / 6P
Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
More results


Similar Description - TLP197G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com