Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP200D Datasheet (PDF) - Toshiba Semiconductor

TLP200D Datasheet PDF - Toshiba Semiconductor
Part # TLP200D
Download  TLP200D Download
File Size   266.64 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET

TLP200D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP200D Datasheet PDF - Toshiba Semiconductor

Part # TLP200D
Download  TLP200D Click to download

File Size   266.64 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET

TLP200D Datasheet (HTML) - Toshiba Semiconductor


TLP200D Product details

Measurement Instrument

The TOSHIBA TLP200D consists of an infrared emitting diode optically coupled to a photo-MOS FET in an 8-pin SOP.
The TLP200D is a 2-form-A switch which is suitable for replacement of mechanical relays in many applications which require space savings.

• SOP 8 pin (2.54SOP8): 2-form-A
• Peak off-state voltage: 200 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 200 mA (max)
• On-state resistance: 8 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349




Similar Part No. - TLP200D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP200D TOSHIBA-TLP200D Datasheet
164Kb / 6P
Measurement Instrument
01-Oct-2007
TLP200D TOSHIBA-TLP200D_07 Datasheet
164Kb / 6P
Measurement Instrument
01-Oct-2007
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
PBX Modem - Fax Card Measurement Instrument
More results


Similar Description - TLP200D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
12-Mar-2003
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
25-Sep-2002
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
01-Oct-2007
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo−Transistor
01-Oct-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com