Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP224G Datasheet (PDF) - Toshiba Semiconductor

TLP224G Datasheet PDF - Toshiba Semiconductor
Part # TLP224G
Download  TLP224G Download
File Size   230.02 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP224G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP224G Datasheet PDF - Toshiba Semiconductor

Part # TLP224G
Download  TLP224G Click to download

File Size   230.02 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP224G Datasheet (HTML) - Toshiba Semiconductor


TLP224G Product details

Modems
PBX
Telecommunications



The TOSHIBA TLP224G series consists of gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a 4 pin DIP (DIP4), which is suitable for equipment for high tech communications, including modems.

The TLP224G series complies with FCC part 68 rules with current limiting function.



• TLP224G: 4 pin DIP, 1 channel type (1 form A)

• TLP224G-2: 8 pin DIP, 2 channel type (2 form A)

• Peak off-state voltage: 350 V (min)

• Trigger LED current: 3 mA (max)

• On-state current: 120 mA (max)

• Load current limiting: 150 mA to 300 mA (t = 5 ms)

• On-state resistance: 35 Ω (max)

• Isolation voltage: 2500 Vrms (min)

• UL recognized: UL1577, file No. E67349



 




Similar Part No. - TLP224G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G Datasheet
117Kb / 5P
Telecommunications
TLP224G-2 TOSHIBA-TLP224G-2 Datasheet
141Kb / 5P
Modems PBX Telecommunications
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP224G TOSHIBA-TLP224G_07 Datasheet
117Kb / 5P
Telecommunications
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
Modems PBX Telecommunications
More results


Similar Description - TLP224G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
TOSHIBA Photocoupler Photo Relay
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com