Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP197A Datasheet (PDF) - Toshiba Semiconductor

TLP197A Datasheet PDF - Toshiba Semiconductor
Part # TLP197A
Download  TLP197A Download
File Size   132.64 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP197A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP197A Datasheet PDF - Toshiba Semiconductor

Part # TLP197A
Download  TLP197A Click to download

File Size   132.64 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP197A Datasheet (HTML) - Toshiba Semiconductor


TLP197A Product details

TELECOMMUNICATION
DATA ACQUISITION
MEASUREMENT INSTRUMENT
PROGRAMMABLE CONTROL
   
The TOSHIBA TLP197A consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOS FET in a SOP, which is suitable for surface mount assembly.
The TLP197A is suitable for replacement of mechanical relays in many applications which require space savings.
   
FEATURES
• 6 pin SOP (2.54SOP6) : 2.1 mm high, 2.54 mm pitch
• 1-Form-A
• Peak Off-State Voltage : 60 V (MIN.)
• Trigger LED Current : 3 mA (MAX.)
• On-State Current : 400 mA (MAX.)
• On-State Resistance : 2 Ω (MAX.)
• Isolation Voltage : 1500 Vrms (MIN.)
• UL Recognized : UL1577, File No. E67349
   




Similar Part No. - TLP197A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
Measurement Equipment
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G TOSHIBA-TLP197G Datasheet
181Kb / 6P
Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
More results


Similar Description - TLP197A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
TOSHIBA Photocoupler Photo Relay
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP3275 TOSHIBA-TLP3275 Datasheet
643Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-06-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com