Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP197D Datasheet (PDF) - Toshiba Semiconductor

TLP197D Datasheet PDF - Toshiba Semiconductor
Part # TLP197D
Download  TLP197D Download
File Size   165.76 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Equipment

TLP197D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP197D Datasheet PDF - Toshiba Semiconductor

Part # TLP197D
Download  TLP197D Click to download

File Size   165.76 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Equipment

TLP197D Datasheet (HTML) - Toshiba Semiconductor


TLP197D Product details

PC Card Modems
PBX
Measurement Equipment

The Toshiba TLP197D consists of an infrared emitting diode optically coupled to a photo-MOSFET in a SOP package.
TLP197D is housed in a compact and thin SOP package and has characteristics of high-withstanding voltage and low ON-state resistance, which enable TLP197D to be applied in hook switches, dial-pulse switches for modems and facsimiles, and switches for test circuit switching in PBXs.

• 6-pin SOP (2.54SOP6): Height = 2.1 mm, pitch = 2.54 mm
• Normally open (1-form-A) device
• Peak OFF-state voltage: 200 V (min)
• Trigger LED current: 3 mA (max)
• ON-state current: 200 mA (max)
• ON-state resistance: 8 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349




Similar Part No. - TLP197D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
09-Aug-2000
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP197G TOSHIBA-TLP197G Datasheet
181Kb / 6P
Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
Measurement Instrumentation
01-Oct-2007
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
More results


Similar Description - TLP197D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
26-Dec-2002
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
01-Oct-2007
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
Telecommunication Measurement Equipment Security Equipment FA
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
Measurement Equipment
01-Oct-2007
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
Measurement and Control Equipment
01-Oct-2007
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
01-Oct-2007
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com